Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2908366 Datasheet (PDF) - PHOENIX CONTACT

2908366 Datasheet PDF - PHOENIX CONTACT
Part # 2908366
Download  2908366 Download
File Size   55.18 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse - FUSE 25A/32V ATOF

2908366 Datasheet (PDF)

Go To PDF Page Download Datasheet
2908366 Datasheet PDF - PHOENIX CONTACT

Part # 2908366
Download  2908366 Click to download

File Size   55.18 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse - FUSE 25A/32V ATOF

2908366 Datasheet (HTML) - PHOENIX CONTACT


2908366 Product details

Fuse, nominal current: 25 A, length: 19.1 mm, width: 5 mm, height: 18.8 mm




Similar Part No. - 2908366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908360 PHOENIX-2908360 Datasheet
179Kb / 5P
FUSE 15A/32V FK1 - Fuse
2908361 PHOENIX-2908361 Datasheet
181Kb / 5P
FUSE 15A/32V FKS ATO - Fuse
2908362 PHOENIX-2908362 Datasheet
149Kb / 11P
Lower part of housing, fully assembled, with metal foot catch.
2908364 PHOENIX-2908364 Datasheet
182Kb / 5P
FUSE 10A/32V FK1 - Fuse
2908365 PHOENIX-2908365 Datasheet
186Kb / 5P
FUSE 30A/32V ATOF - Fuse
More results


Similar Description - 2908366

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001 LITTELFUSE-0257001 Datasheet
178Kb / 2P
ATO Blade Fuse Rated 32V
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
MINI Blade Fuse Rated 32V
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
MEGA Fuse Rated 32V
0299020 LITTELFUSE-0299020 Datasheet
205Kb / 2P
MAXI Blade Fuse Rated 32V
FP1 LITTELFUSE-FP1 Datasheet
189Kb / 2P
Style PCB Fuse Rated 32V
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
ATOF??Blade Fuse Rated 32V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
MINI짰 BLADE FUSE RATED 32V
0299025.TXN LITTELFUSE-0299025.TXN Datasheet
206Kb / 2P
MAXI Blade Fuse Rated 32V
MIDI498-IL LITTELFUSE-MIDI498-IL Datasheet
168Kb / 1P
32V BOLT-DOWN FUSE HOLDER
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com