Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150283FS73103 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

150283FS73103 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 150283FS73103
Download  150283FS73103 Download
File Size   1171.03 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SMTW SMT Mono-color Top LED Waterclear Horticulture

150283FS73103 Datasheet (PDF)

Go To PDF Page Download Datasheet
150283FS73103 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 150283FS73103
Download  150283FS73103 Click to download

File Size   1171.03 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WL-SMTW SMT Mono-color Top LED Waterclear Horticulture

150283FS73103 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


150283FS73103 Product details

General Information:
Operating Temperature 40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 90 % RH
Storage Conditions (for single
parts) 40 up to +100 °C
Moisture Sensitivity Level (MSL) 3




Similar Part No. - 150283FS73103

ManufacturerPart #DatasheetDescription
logo
AF International Headqu...
15028356509017 AF-15028356509017 Datasheet
2Mb / 1P
Anti-bac Sanitising Screen Wipes
2020
logo
Wurth Elektronik GmbH &...
150283BS73103 WURTH-150283BS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.001
150283DS73103 WURTH-150283DS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color Top LED Waterclear Horticulture
001.002
150283GS73103 WURTH-150283GS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.001
150283HS73103 WURTH-150283HS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color Top LED Waterclear Horticulture
001.002
More results


Similar Description - 150283FS73103

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150141GS73113 WURTH-150141GS73113 Datasheet
810Kb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.000
150283HS73103 WURTH-150283HS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color Top LED Waterclear Horticulture
001.002
150141BS73113 WURTH-150141BS73113 Datasheet
810Kb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.000
150283DS73103 WURTH-150283DS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color Top LED Waterclear Horticulture
001.002
150141RS73113 WURTH-150141RS73113 Datasheet
810Kb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.000
150141YS73113 WURTH-150141YS73113 Datasheet
810Kb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.000
150283BS73103 WURTH-150283BS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.001
150283YS73103 WURTH-150283YS73103 Datasheet
1Mb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.001
150302BS73100 WURTH-150302BS73100 Datasheet
866Kb / 8P
WL-SMTW SMT Mono-color TOP LED Waterclear
001.000
150505RS73300 WURTH-150505RS73300 Datasheet
935Kb / 9P
WL-SMTW SMT Mono-color TOP LED Waterclear
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com