Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ9565-01F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ9565-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ9565-01F.R7GR
Download  AZ9565-01F.R7GR Download
File Size   142.77 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection

AZ9565-01F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9565-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ9565-01F.R7GR
Download  AZ9565-01F.R7GR Click to download

File Size   142.77 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection

AZ9565-01F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ9565-01F.R7GR Product details

Features
 ESD Protection for 1 Line with Bi-directional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±15kV (air), ±12kV (contact)
 Ultra low capacitance: 0.45pF typical
 Ultra low leakage current
 For low operating voltage applications: 5V and
below
 0402 small DFN package saves board space
 Protect one I/O line
 Fast turn-on and Low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
 AEC-Q101 qualified
Applications
 Hand Held Portable Applications
 Wearable Devices
 Antenna applications
 USB3.0 / USB2.0
 High Definition Multi-media Interface (HDMI)
 Digital Visual Interface (DVI)
 Display Port
 Serial ATA
 Automotive Applications
Description
AZ9565-01F is a design which includes a
bi-directional ESD rated clamping cell to protect
high speed data interfaces in an electronic
systems. The AZ9565-01F has been specifically
designed to protect sensitive components which
are connected to data and transmission lines
from over-voltage caused by Electrostatic
Discharging (ESD).
AZ9565-01F is a unique design which includes
proprietary clamping cells with ultra low
capacitance in a small package. During transient
conditions, the proprietary clamping cells prevent
over-voltage on the control/data lines, protecting
any downstream components.
AZ9565-01F is bi-directional and may be used on
lines where the signal swings above and below
ground.
AZ9565-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ9565-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AZ9565-01F LEIDITECH-AZ9565-01F Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
More results


Similar Description - AZ9565-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ522S-01F AMAZING-AZ522S-01F Datasheet
168Kb / 6P
Ultra-low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2020/03/31
AZ5B8S-01F AMAZING-AZ5B8S-01F Datasheet
141Kb / 6P
Ultra-low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2018/12/25
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5215-01F AMAZING-AZ5215-01F Datasheet
223Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/01/29
AZ5323-01F AMAZING-AZ5323-01F Datasheet
271Kb / 6P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2017/05/11
AZ5325-01F AMAZING-AZ5325-01F Datasheet
178Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/01/29
AZ5413-01F AMAZING-AZ5413-01F Datasheet
163Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/12/07
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
AZ5425-01F AMAZING-AZ5425-01F Datasheet
192Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/01/29
AZ9817-01F AMAZING-AZ9817-01F Datasheet
159Kb / 6P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/10/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com