Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GVAS025 Datasheet (PDF) - Schneider Electric

GVAS025 Datasheet PDF - Schneider Electric
Part # GVAS025
Download  GVAS025 Download
File Size   96.9 Kbytes
Page   4 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Shunt release (MX), TeSys Deca, 24V AC 50Hz

GVAS025 Datasheet (PDF)

Go To PDF Page Download Datasheet
GVAS025 Datasheet PDF - Schneider Electric

Part # GVAS025
Download  GVAS025 Click to download

File Size   96.9 Kbytes
Page   4 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Shunt release (MX), TeSys Deca, 24V AC 50Hz

GVAS025 Datasheet (HTML) - Schneider Electric


GVAS025 Product details

Main
Range TeSys
TeSys Deca
Device short name GVAS
Product or Component Type Shunt trip release




Similar Part No. - GVAS025

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GVAS026 SCHNEIDER-GVAS026 Datasheet
95Kb / 3P
Shunt release (MX), TeSys Deca, 24V AC 60Hz
May 13, 2022
More results


Similar Description - GVAS025

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GVAS026 SCHNEIDER-GVAS026 Datasheet
95Kb / 3P
Shunt release (MX), TeSys Deca, 24V AC 60Hz
May 13, 2022
GVAS207 SCHNEIDER-GVAS207 Datasheet
95Kb / 3P
Shunt release (MX), TeSys Deca, 200V AC 50Hz
May 13, 2022
GVAS225 SCHNEIDER-GVAS225 Datasheet
96Kb / 4P
Shunt release (MX), TeSys Deca, 220-240V AC 50Hz
May 13, 2022
GVAU025 SCHNEIDER-GVAU025 Datasheet
94Kb / 4P
Undervoltage release (MN), TeSys Deca, 24V AC 50Hz
May 13, 2022
GVAU115 SCHNEIDER-GVAU115 Datasheet
94Kb / 4P
Undervoltage release (MN), TeSys Deca, 110-115V AC 50Hz
May 13, 2022
GVAU505 SCHNEIDER-GVAU505 Datasheet
93Kb / 4P
Undervoltage release (MN), TeSys Deca, 500V AC 50Hz / 600V AC 60Hz
May 13, 2022
GVAX115 SCHNEIDER-GVAX115 Datasheet
96Kb / 3P
Undervoltage release (MN), TeSys Deca, 110-115V AC 50Hz, safety device for use with GV2ME
May 13, 2022
GVAX225 SCHNEIDER-GVAX225 Datasheet
97Kb / 3P
Undervoltage release (MN), TeSys Deca, 220-240 V AC 50 Hz, safety device for use with GV2ME
May 13, 2022
logo
ABB
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
A9-30-10 24V 50Hz / 24V 60Hz Contactor
logo
NHP Electrical Engineer...
RQ48024VAC NHP-RQ48024VAC Datasheet
948Kb / 2P
HOUR RUN METER 24V 50Hz AC
11 October 2022,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com