Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4525 Datasheet (PDF) - Analog Devices

ADR4525 Datasheet PDF - Analog Devices
Part # ADR4525
Download  ADR4525 Download
File Size   3858.81 Kbytes
Page   65 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC

ADR4525 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR4525 Datasheet PDF - Analog Devices

Part # ADR4525
Download  ADR4525 Click to download

File Size   3858.81 Kbytes
Page   65 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC

ADR4525 Datasheet (HTML) - Analog Devices


ADR4525 Product details

GENERAL DESCRIPTION
The AD3542R is a low drift, dual channel, ultra-fast, 16-bit accuracy,
voltage output digital-to-analog converter (DAC) that can be
configured in multiple voltage span ranges. The AD3542R operates
with a fixed 2.5 V reference.
The device incorporates three drift compensating feedback resistors
for the internal transimpedance amplifier (TIA) that scales the
output voltage. Offset and gain scaling registers allow for generation
of multiple output span ranges, such as 0 V to 2.5 V, 0 V to 5 V,
0 V to 10 V, −5 V to +5 V, and −2.5 V to +7.5 V.
The DAC can operate in fast mode for maximum speed or precision
mode for maximum accuracy.
The serial peripheral interface (SPI) can be configured in single
SPI (classic SPI) mode, dual SPI mode and synchronous dual SPI
mode with single date rate (SDR) or double data rate (DDR), with
logical levels from 1.2 V to 1.8 V.
To improve device robustness, cyclic redundancy check (CRC) can
be enabled. Multiple error checkers have also been integrated to
detect VREF failures or memory map corruption.
The AD3542R is specified over the extended industrial temperature
range (–40°C to +105°C).

FEATURES
► 16-bit resolution
► 16 MUPS single channel rate in fast mode
► 11 MUPS single channel rate in precision mode
► 78 ns small signal settling time to 0.1% accuracy
► 100 ns large signal settling time to 0.1% accuracy
► Ultrasmall glitch: <50 pV×s
► Ultralow latency: 5 ns
► THD: −105 dB at 1 kHz
► Highly configurable output voltage span and offset
► 1.2 V and 1.8 V logic level compatible
► Single (classic) and dual SPI modes
► Multiple error detectors, both analog and digital domains
► 2.5 V internal voltage reference, 10 ppm/°C maximum temperature coefficient
► Small package: 4 mm × 4 mm LFCSP

APPLICATIONS
► Instrumentation
► Hardware in the loop
► Process control equipment
► Medical devices
► Automated test equipment
► Data acquisition system
► Programmable voltage sources
► Optical communications




Similar Part No. - ADR4525

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR4525 AD-ADR4525 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR4525 AD-ADR4525 Datasheet
3Mb / 60P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
ADR4525 AD-ADR4525 Datasheet
1Mb / 70P
Quad-Channel, Software Configurable Input and Output
Rev. 0
ADR4525 AD-ADR4525 Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
ADR4525 AD-ADR4525 Datasheet
2Mb / 75P
Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results


Similar Description - ADR4525

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
Dual 16-bit DAC
November 1985
logo
Analog Devices
AD8600 AD-AD8600 Datasheet
236Kb / 16P
16-Channel, 8-Bit Multiplying DAC
REV.0
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
16-BIT DAC
logo
Texas Instruments
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
16-bit SPI Programmable DAC for 4-20mA Loops
logo
Analog Devices
AD8600 AD-AD8600_15 Datasheet
132Kb / 16P
16-Channel, 8-Bit Multiplying DAC
REV. 0
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
AD3551R AD-AD3551R Datasheet
3Mb / 60P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3552R AD-AD3552R Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3541R AD-AD3541R Datasheet
3Mb / 56P
Single Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com