Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLT2852S-CSL Datasheet (PDF) - Analog Devices

ADLT2852S-CSL Datasheet PDF - Analog Devices
Part # ADLT2852S-CSL
Download  ADLT2852S-CSL Download
File Size   424.55 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 20 Mbps RS485/RS422 Transceiver

ADLT2852S-CSL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADLT2852S-CSL Datasheet PDF - Analog Devices

Part # ADLT2852S-CSL
Download  ADLT2852S-CSL Click to download

File Size   424.55 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, 20 Mbps RS485/RS422 Transceiver

ADLT2852S-CSL Datasheet (HTML) - Analog Devices


ADLT2852S-CSL Product details

GENERAL DESCRIPTION
The ADLT2852S-CSL is a low power, 20 Mbps RS485/RS422
transceiver operating on a 3.3 V supply. The receiver has a fail-safe
feature that guarantees a high output state under conditions of
floating or shorted inputs.
The driver maintains a high output impedance over the entire common-
mode range when disabled or when the supply is removed.
Excessive power dissipation caused by bus contention or a fault is
prevented by current limiting all outputs and by thermal shutdown.
Enhanced electrostatic discharge (ESD) protection allows this device
to withstand up to ±15 kV human body model (HBM) on the
transceiver interface pins without latch-up or damage.
The ADLT2852S-CSL is specified over the −55°C to +125°C temperature
range. Additional application and technical information can
be found in the Commercial Space Products Program brochure and
the LTC2852 data sheet.

FEATURES
► 3.3 V supply voltage
► 20 Mbps maximum data rate
► No damage or latch-up up to ±15 kV HBM
► Guaranteed fail-safe receiver operation over the entire commonmode
range
► Current-limited drivers and thermal shutdown
► Power-up and power-down glitch free driver outputs
► Low operating current: 370 μA typical in receive mode
► Compatible with TIA/EIA-485-A specifications
► Available in 14-lead SOIC_N package

COMMERCIAL SPACE FEATURES
► Supports aerospace applications
► Wafer diffusion lot traceability
► Radiation lot acceptance testing: TID
► Radiation benchmark
► Single event latch-up

APPLICATIONS
► Low Earth orbit (LEO) space payloads
► Low power RS485/RS422 transceiver
► Level translator
► Backplane transceiver




Similar Part No. - ADLT2852S-CSL

ManufacturerPart #DatasheetDescription
logo
nVent Electric plc
ADLTEMP NVENT-ADLTEMP Datasheet
813Kb / 8P
Accessories Controllers
logo
ADL Embedded Solutions
ADLTS1LX ADL-ADLTS1LX Datasheet
278Kb / 3P
PC/104-Plus
ADLTS2HSS ADL-ADLTS2HSS Datasheet
160Kb / 2P
Power Management
ADLTS2HSS-Fan ADL-ADLTS2HSS-Fan Datasheet
160Kb / 2P
Power Management
ADLTS2LX ADL-ADLTS2LX Datasheet
278Kb / 3P
PC/104-Plus
More results


Similar Description - ADLT2852S-CSL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Texas Instruments
THVD1330 TI-THVD1330 Datasheet
1Mb / 26P
THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
logo
UN Semiconducctor INC
UN3088ES UNSEMI-UN3088ES Datasheet
4Mb / 11P
3.3~5.5V Supply,16Mbps,Half-duplex, RS485/RS422 Transceiver
Revision March 1,2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com