Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL312 Datasheet (PDF) - Analog Devices

ADXL312 Datasheet PDF - Analog Devices
Part # ADXL312
Download  ADXL312 Download
File Size   507.39 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer

ADXL312 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL312 Datasheet PDF - Analog Devices

Part # ADXL312
Download  ADXL312 Click to download

File Size   507.39 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer

ADXL312 Datasheet (HTML) - Analog Devices


ADXL312 Product details

GENERAL DESCRIPTION
The ADXL3121 is a small, thin, low power, 3-axis accelerometer
with high resolution (13-bit) measurement up to ±12 g. Digital
output data is formatted as 16-bit twos complement and is
accessible through either a serial port interface (SPI) (3- or 4-wire)
or I2C digital interface.
The ADXL312 is well suited for car alarm or black box applications.
It measures the static acceleration of gravity in tilt-sensing
applications, as well as dynamic acceleration resulting from motion
or shock. Its high resolution (2.9 mg/LSB) enables resolution of
inclination changes of as little as 0.25°. A built-in FIFO facilitates
using oversampling techniques to improve resolution to as
little as 0.05° of inclination.
Several special sensing functions are provided. Activity and
inactivity sensing detects the presence or absence of motion and
whether the acceleration on any axis exceeds a user-set level.
These functions can be mapped to interrupt output pins. An
integrated 32 level FIFO can be used to store data to minimize
host processor intervention.
Low power modes enable intelligent motion-based power
management with threshold sensing and active acceleration
measurement at extremely low power dissipation.
The ADXL312 is supplied in a small, thin 5 mm × 5 mm ×
1.45 mm, 32-lead, LFCSP package.

FEATURES
Ultralow power: as low as 57 μA in measurement mode and
0.1 μA in standby mode at VS = 3.3 V (typical)
Power consumption scales automatically with bandwidth
User-selectable resolution
Fixed 10-bit resolution
Full resolution, where resolution increases with g range,
up to 13-bit resolution at ±12 g (maintaining 2.9 mg/LSB
scale factor in all g ranges)
Embedded FIFO technology minimizes host processor load
Built-in motion detection functions for activity/inactivity
monitoring
Supply and I/O voltage range: 2.0 V to 3.6 V
SPI (3- and 4-wire) and I2C digital interfaces
Flexible interrupt modes mappable to either interrupt pin
Measurement ranges selectable via serial command
Bandwidth selectable via serial command
Wide temperature range (−40 to +105°C)
10,000 g shock survival
Pb free/RoHS compliant
Small and thin: 5 mm × 5 mm × 1.45 mm LFCSP package
Qualified for automotive applications

APPLICATIONS
Car alarm
Hill start aid (HSA)
Electronic parking brake
Data recorder (black box)




Similar Part No. - ADXL312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
More results


Similar Description - ADXL312

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_07 Datasheet
326Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6280QT FREESCALE-MMA6280QT Datasheet
326Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
Analog Devices
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com