Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXRS623 Datasheet (PDF) - Analog Devices

ADXRS623 Datasheet PDF - Analog Devices
Part # ADXRS623
Download  ADXRS623 Download
File Size   328.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹150째/Sec Yaw Rate Gyroscope

ADXRS623 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXRS623 Datasheet PDF - Analog Devices

Part # ADXRS623
Download  ADXRS623 Click to download

File Size   328.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 짹150째/Sec Yaw Rate Gyroscope

ADXRS623 Datasheet (HTML) - Analog Devices


ADXRS623 Product details

GENERAL DESCRIPTION
The ADXRS623 is a complete angular rate sensor (gyroscope)
that uses the Analog Devices, Inc., surface-micromachining
process to create a functionally complete and low cost angular
rate sensor integrated with all required electronics on one chip.
The manufacturing technique for this device is the same high
volume BiMOS process used for high reliability automotive
airbag accelerometers.
The output signal, RATEOUT (1B, 2A), is a voltage proportional
to the angular rate about the axis that is normal to the top surface
of the package. The output is ratiometric with respect to a provided
reference supply. An external capacitor sets the bandwidth.
Other external capacitors are required for operation.
A temperature output is provided for compensation techniques.
Two digital self-test inputs electromechanically excite the sensor to
test proper operation of both the sensor and the signal conditioning
circuits. The ADXRS623 is available in a 7 mm × 7 mm × 3 mm
ceramic ball grid array (CBGA) package.

FEATURES
Complete rate gyroscope on a single chip
Z-axis (yaw rate) response
High vibration rejection over wide frequency
2000 g powered shock survivability
Ratiometric to referenced supply
5 V single-supply operation
–40°C to +105°C operation
Self-test on digital command
Ultrasmall and light (<0.15 cc, <0.5 gram)
Temperature sensor output
RoHS compliant
Qualified for automotive applications

APPLICATIONS
Inertial measurement units
Platform stabilization
Robotics




Similar Part No. - ADXRS623

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS623WBBGZ AD-ADXRS623WBBGZ Datasheet
393Kb / 12P
짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS623WBBGZ-RL AD-ADXRS623WBBGZ-RL Datasheet
393Kb / 12P
짹150째/Sec Yaw Rate Gyroscope
REV. 0
More results


Similar Description - ADXRS623

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
짹300째/sec Yaw Rate Gyro
REV. B
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
Yaw Rate Gyroscope with SPI
Rev. C
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
Yaw Rate Gyroscope with SPI
REV. D
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
250/sec Yaw Rate Gyro
REV. 0
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
plus,minus250temperature/sec Yaw Rate Gyroscope
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com