Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet (PDF) - Analog Devices

LTM4677 Datasheet PDF - Analog Devices
Part # LTM4677
Download  LTM4677 Download
File Size   3326.59 Kbytes
Page   118 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management

LTM4677 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4677 Datasheet PDF - Analog Devices

Part # LTM4677
Download  LTM4677 Click to download

File Size   3326.59 Kbytes
Page   118 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management

LTM4677 Datasheet (HTML) - Analog Devices


LTM4677 Product details

DESCRIPTION
The LTC®3888/LTC3888-1/LTC3888-2 is a PMBus-compliant
dual loop DC/DC synchronous step-down switching regulator
controller with eight expandable phases supporting
a wide range of master/slave configurations. The controller
uses constant frequency current mode architecture to
provide excellent transient response and output regulation.
Each PWM master is capable of producing output voltages
from 0.3V to 3.45V with multiple phase configurations using
DrMOS devices that provide an output current monitor.
PMBus configuration and monitoring is supported by
LTpowerPlay™ software. Programmable loop compensation
and built-in load step emulation facilitate setting bandwidth
based on input voltage and output load capacitance.
PMBus commands allow read back of input voltage, output
voltage and current, and operating status. Operating
parameters can be set via PMBus command or stored in
internal EEPROM for use at power up. Switching frequency,
phase configuration, output voltage (LTC3888/LTC3888-2),
output current limit (LTC3888-1) and device address can
also be set using external programming resistors.

FEATURES
- PMBus/I2C Compliant Serial Interface
- Monitor Voltage, Current, Temperature and Faults
- Digitally Program VOUT, Margins, UV, OV, Current
Limit, Soft-Start/Stop and Sequencing
- Expandable to >16 Phases
- 4.5V ≤ VIN ≤ 26.5V, 0.3V ≤ VOUT ≤ 3.45V
- ±0.5% Output Voltage Accuracy
- Programmable PWM Loop Compensation
- Accurate PolyPhase® Current Sharing
- Internal EEPROM with ECC and Fault Logging
- DrMOS Output Current Monitor Interface
- DrMOS Temperature/Fault Bus Interface
- DrMOS Gate Drive Supply Monitor
- Load Step Emulation
- Internal or External PWM Clock from 250kHz to 1MHz
- 52-Pin (5mm × 8mm) QFN Package
- AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
- High Current Distributed Power Systems
- Servers, Network and Storage Equipment




Similar Part No. - LTM4677

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4677 LINER-LTM4677 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4677 LINER-LTM4677 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
More results


Similar Description - LTM4677

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3883 LINER-LTC3883_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880EUJ LINER-LTC3880EUJ Datasheet
3Mb / 14P
3-Phase Step-Down DC/DC Controller with Power System Management
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
Step-Down DC/DC Controller with Digital Power System Management
logo
Analog Devices
LTC3883 AD-LTC3883 Datasheet
1Mb / 116P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
09/19-REV.F
LTC3888-1 AD-LTC3888-1 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com