Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3249088 Datasheet (PDF) - PHOENIX CONTACT

3249088 Datasheet PDF - PHOENIX CONTACT
Part # 3249088
Download  3249088 Download
File Size   159.96 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MSBV 2,5-NS 35

3249088 Datasheet (PDF)

Go To PDF Page Download Datasheet
3249088 Datasheet PDF - PHOENIX CONTACT

Part # 3249088
Download  3249088 Click to download

File Size   159.96 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Mini feed-through terminal block - MSBV 2,5-NS 35

3249088 Datasheet (HTML) - PHOENIX CONTACT


3249088 Product details

Mini feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, connection method: Spring-cage
connection, number of connections: 2, cross section: 0.08 mm² - 4 mm², AWG: 28 - 12, width: 5.2 mm, height:
22 mm, color: gray, mounting type: NS 35/7,5, NS 35/15

Your advantages
For mounting on NS 35 ... DIN rail
Clear arrangement thanks to marking of all terminal points
Space saving thanks to compact design and mounting option on a 15 mm DIN rail




Similar Part No. - 3249088

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
32490 WIHA-32490 Datasheet
3Mb / 4P
speedE®II Electric Screwdriver
32490 WIHA-32490 Datasheet
397Kb / 1P
9 Pc. Insulated Inch Nut Driver Set
logo
PHOENIX CONTACT
3249005 PHOENIX-3249005 Datasheet
1Mb / 54P
Mini feed-through terminal block - MPT 2,5-M
Nov 16, 2022
3249006 PHOENIX-3249006 Datasheet
1Mb / 54P
Mini feed-through terminal block - MPT 2,5-M BU
Nov 16, 2022
3249007 PHOENIX-3249007 Datasheet
1Mb / 54P
Mini feed-through terminal block - MPT 2,5-M-FE
Nov 16, 2022
More results


Similar Description - 3249088

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3073186 PHOENIX-3073186 Datasheet
126Kb / 12P
Mini feed-through terminal block - MSBV 2,5-NS 35 YE
3073199 PHOENIX-3073199 Datasheet
125Kb / 12P
Mini feed-through terminal block - MSBV 2,5-NS 35 OG
3244135 PHOENIX-3244135 Datasheet
134Kb / 12P
Mini feed-through terminal block - MSB 2,5-NS 35 OG
3244148 PHOENIX-3244148 Datasheet
135Kb / 12P
Mini feed-through terminal block - MSB 2,5-NS 35-PE
3244313 PHOENIX-3244313 Datasheet
136Kb / 13P
Mini feed-through terminal block - MSDB 2,5-NS 35 BU
3249017 PHOENIX-3249017 Datasheet
71Kb / 7P
Mini feed-through terminal block - MSBV 2,5
3244300 PHOENIX-3244300 Datasheet
337Kb / 14P
Mini feed-through terminal block - MSDB 2,5-NS 35
3249062 PHOENIX-3249062 Datasheet
113Kb / 10P
Mini feed-through terminal block - MSBV 2,5-M
09/12/2020
3249211 PHOENIX-3249211 Datasheet
163Kb / 14P
Mini feed-through terminal block - MSDBV 2,5-NS 35
09/12/2020
1073553 PHOENIX-1073553 Datasheet
1Mb / 56P
Mini feed-through terminal block - MPT 2,5-NS 35
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com