Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC-30 Datasheet (PDF) - CUI INC

EMC-30 Datasheet PDF - CUI INC
Part # EMC-30
Download  EMC-30 Download
File Size   660.33 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description AC POWER LINE FILTER

EMC-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMC-30 Datasheet PDF - CUI INC

Part # EMC-30
Download  EMC-30 Click to download

File Size   660.33 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description AC POWER LINE FILTER

EMC-30 Datasheet (HTML) - CUI INC


EMC-30 Product details

FEATURES
• 30 dB AC-line noise filtering (150 kHz ~ 1 GHz)
• ensures surge compliance to IEC/EN61000-4-5 standard
±4 kV (2Ω) / ±6 kV (12Ω)
• reduces emissions to help comply with CISPR22 / EN 55022 Class B
• accepts up to 1.5 A (rms) of nominal input current
• wide input voltage range (85~305 Vac)
• wide operating temperature range (-40 to +85 °C)
• options for board-mount, chassis-mount, or DIN-Rail mounting




Similar Part No. - EMC-30

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMC-30 CUI-EMC-30 Datasheet
552Kb / 5P
AC POWER LINE FILTER
More results


Similar Description - EMC-30

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
AC LINE FILTER
XF0063-00U2 XFMRS-XF0063-00U2 Datasheet
94Kb / 2P
AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
AC LINE FILTER
XF7006-00U2 XFMRS-XF7006-00U2 Datasheet
46Kb / 1P
AC LINE FILTER
logo
CUI INC
EMC-20 CUI-EMC-20 Datasheet
536Kb / 5P
AC POWER LINE FILTER
EMC-30 CUI-EMC-30 Datasheet
552Kb / 5P
AC POWER LINE FILTER
EMC-20 CUI-EMC-20_V01 Datasheet
653Kb / 5P
AC POWER LINE FILTER
01/12/2022
EMC-05B CUI-EMC-05B Datasheet
763Kb / 6P
AC POWER LINE FILTER
01/12/2022
EMC-05A CUI-EMC-05A Datasheet
782Kb / 6P
AC POWER LINE FILTER
01/12/2022
EMC-03 CUI-EMC-03 Datasheet
574Kb / 4P
AC POWER LINE FILTER
01/12/2022
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com