Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMRH71 Datasheet (PDF) - Microchip Technology

SAMRH71 Datasheet PDF - Microchip Technology
Part # SAMRH71
Download  SAMRH71 Download
File Size   12749.04 Kbytes
Page   1612 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Rad-Hard 32-bit Arm짰 Cortex짰-M7 Microcontroller for Aerospace Applications

SAMRH71 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAMRH71 Datasheet PDF - Microchip Technology

Part # SAMRH71
Download  SAMRH71 Click to download

File Size   12749.04 Kbytes
Page   1612 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Rad-Hard 32-bit Arm짰 Cortex짰-M7 Microcontroller for Aerospace Applications

SAMRH71 Datasheet (HTML) - Microchip Technology


SAMRH71 Product details

Features
• Core Arm Cortex-M7 running at 100 MHz in typical conditions
– 16 Kbytes of I-Cache and 16 Kbytes of D-Cache with Error Code Correction (ECC)
– Simple-precision and double-precision HW Floating Point Unit (FPU)
– Memory Protection Unit (MPU) with 16 zones
– DSP Instructions, Thumb®-2 Instruction Set
– Embedded Trace Module (ETM) with instruction trace stream, including Trace Port Interface Unit (TPIU)
• Memories
– 128 Kbytes embedded Flash with built-in ECC (up to 2 errors correction)
– 384 Kbytes embedded SRAM for Tightly Coupled Memory (TCM) interface, running at the same frequency
as the Cortex-M7 with built-in ECC (up to 1 error correction)
– 768 Kbytes embedded Multiport SRAM with built-in ECC (up to 1 error correction) connected to the AHB
system, running at the same frequency as system clock
– Hardened External Memory Controller (HEMC) to address PROM, SRAM and SDRAM with variable data
size (from 8 bits to 48 bits)
• Six independent Chip Selects
• Up to 2 Gbytes of external memory accessible
• Built-in ECC, allowing the correction of up to 2 bits per 32 bits
• System Peripherals
– Built-In Power Fail Detection (PFD), Programmable Supply Monitors and Independent Watchdog for safe operation
– Non-Maskable Interrupt Controller (NMIC)
– Crystal or ceramic resonator oscillators: 3 MHz to 20 MHz main oscillator with failure detection
– RTC with Gregorian calendar and UTC mode, waveform generation in low-power modes
– RTC counter calibration circuitry compensates for 32.768 kHz crystal frequency variations
– 32-bit, low-power Real-time Timer (RTT)
– 4/8/10/12 MHz internal RC oscillator with 4 MHz default frequency for device start-up. In-application trimming access for frequency adjustment
– 32.768 kHz crystal oscillator or embedded 32 kHz RC oscillator as source of Low-Power mode device clock (SCLK)
– One PLL for system clock, and one PLL for peripherals
– One dual-port 32-channel central DMA Controller (XDMAC)
– Four 3-channel 32-bit Timer Counters (TC) with Capture, Waveform, Compare and PWM modes.
Quadrature decoder logic and 2-bit Gray Up/Down Counter for stepper motor
– Two 4-channel 16-bit PWMs with complementary outputs, Dead Time Generator and several fault inputs
per PWM for motor control, two external triggers to manage Power Factor Correction (PFC), DC-DC and lighting control
• Communication Peripherals
– One 10/100 Ethernet MAC (GMAC)
• Energy efficiency support (IEEE® 802.3az standard)
• Ethernet AVB support with IEEE 802.1AS time stamping and IEEE 802.1Qav credit-based trafficshaping
hardware support
• IEEE 1588 Precision Time Protocol (PTP)
– Ten FLEXCOMs, each supporting USART/UART, SPI and TWI/I2C
– Single data rate transfer Quad I/O Serial Peripheral Interface (QSPI)
– CAN Controller compliant with CAN Protocol Version 2.0 Part A, B and ISO 11898-1:2015 and with Bosch
CANFD Specification
– SpaceWire interface with two SpaceWire ports and an Embedded SpaceWire router. Each link has a 200
Mbits/sec bit-rate capability. Integrated RMAP support.
– One 1553 interface with redundant links compliant to MIL-STD-1553B standard. Bus Controller and
Remote Terminal configurations available.
• Safety
– Integrity Check Monitoring (ICM) on memories using Secure Hash Algorithm (SHA)
– FlexProtect Matrix enabling user/privilege operations on peripherals
– Watchdog running on independent uninterruptible monolithic clock
– Clock and power failure detection events routed to normal interrupt or to the Non-Maskable Interrupt (NMI)
controller:
• CPU Frequency Monitor
• Main Crystal Oscillator Failure Detection
• 32.768 kHz Crystal Oscillator Frequency Monitor
• Core Voltage Supply Monitor with internal Power Fail Detection
– Write protection registers on selected peripherals
• Security
– True Random Number Generator (TRNG)
– Secure Hash Algorithm supporting SHA1, SHA224, SHA256, SHA384 and SHA512
• I/O
– Up to 194 I/O lines with external interrupt capability (edge-sensitivity or level-sensitivity)
– Up to seven parallel Input/Output Controllers (PIO)
• Operating Conditions
– Supply voltage: 3.0V to 3.6V for VDDIO, 1.65V to 1.95V for VDDCORE, VDDPLLA and VDDPLLB, LVDS references: 1.25V
– Operating temperature:
• -55°C to +125°C for CQFP256
• -55°C to +105°C for TFBGA625
• Fault Tolerance by Design
– SEU detection through ECC protection (up to 2 corrections)
– Radiation Performance
• SEL immune up to 62.5 Mev
• For TID and SEU, see detailed radiation report.
• Packages
– CQFP256, 256-lead, 18g
– TFBGA625, 625-lead, 1.5g




Similar Part No. - SAMRH71

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SAMRH71 MICROCHIP-SAMRH71 Datasheet
10Mb / 1608P
Rad-Hard 32-bit Arm Cortex-M7 Microcontroller for Aerospace Applications
2021
More results


Similar Description - SAMRH71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031 Datasheet
4Mb / 274P
Arm짰 Cortex짰-M 32-bit Microcontroller
M480 NUVOTON-M480 Datasheet
8Mb / 401P
32-bit ARM짰 Cortex짰-M4F Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
ARM짰 Cortex짰-M0 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
Arm짰 Cortex짰-M 32-bit Microcontroller
logo
Microchip Technology
SAMRH71 MICROCHIP-SAMRH71 Datasheet
10Mb / 1608P
Rad-Hard 32-bit Arm Cortex-M7 Microcontroller for Aerospace Applications
2021
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
Arm짰 Cortex짰-M 32-bit Microcontroller
logo
Microchip Technology
SAMV71Q21RT MICROCHIP-SAMV71Q21RT Datasheet
20Mb / 1879P
Radiation-Tolerant 32-bit Arm짰 Cortex짰-M7 MCU
2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com