Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7002 Datasheet (PDF) - Microchip Technology

USB7002 Datasheet PDF - Microchip Technology
Part # USB7002
Download  USB7002 Download
File Size   655.59 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Port USB 3.2 Gen 1 SmartHub??IC

USB7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB7002 Datasheet PDF - Microchip Technology

Part # USB7002
Download  USB7002 Click to download

File Size   655.59 Kbytes
Page   56 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Port USB 3.2 Gen 1 SmartHub??IC

USB7002 Datasheet (HTML) - Microchip Technology


USB7002 Product details

General Description
The Microchip USB7002 hub is low-power, OEM configurable, USB 3.2 Gen 1 hub controller with 4 downstream ports
and advanced features for embedded USB applications. The USB7002 is fully compliant with the Universal Serial Bus
Revision 3.2 Specification and USB 2.0 Link Power Management Addendum. The USB7002 supports 5 Gbps Super-
Speed (SS), 480 Mbps Hi-Speed (HS), 12 Mbps Full-Speed (FS), and 1.5 Mbps Low-Speed (LS) USB downstream
devices on two standard USB 3.2 Gen 1 downstream ports and only legacy speeds (HS/FS/LS) on two standard USB
2.0 downstream ports.
The USB7002 supports native Type-C connectivity on the upstream port and two of the downstream ports. The hub
includes internal Type-C CC pin logic and an internal USB 3.2 Gen 1 multiplexer to support both Type-C insertion orientations.
The USB7002 supports the legacy USB speeds (HS/FS/LS) through a dedicated USB 2.0 hub controller that is the culmination
of six generations of Microchip hub feature controller design and experience with proven reliability, interoperability,
and device compatibility. The SuperSpeed hub controller operates in parallel with the USB 2.0 controller,
decoupling the 5 Gbps SS data transfers from bottlenecks due to the slower USB 2.0 traffic.
The USB7002 enables OEMs to configure their system using “Configuration Straps.” These straps simplify the configuration
process assigning default values to USB 3.2 Gen 1 ports and GPIOs. OEMs can disable ports, enable battery
charging and define GPIO functions as default assignments on power up.
The USB7002 supports downstream battery charging. The USB7002 integrated battery charger detection circuitry supports
the USB-IF Battery Charging (BC1.2) detection method and most Apple devices. The USB7002 provides the battery
charging handshake and supports the following USB-IF BC1.2 charging profiles:
• DCP: Dedicated Charging Port (Power brick with no data)
• CDP: Charging Downstream Port (1.5A with data)
• SDP: Standard Downstream Port (0.5A with data)
• Custom profiles loaded via SPI EEPROM or OTP
Additionally, the USB7002 includes many powerful and unique features such as:
The Hub Feature Controller, an internal USB device dedicated for use as a USB to I2C/UART/SPI/GPIO interface that
allows external circuits or devices to be monitored, controlled, or configured via the USB interface.
Multi-Host Endpoint Reflector, which provides unique USB functionality whereby USB data can be “mirrored” between
two USB hosts (Multi-Host) in order to perform a single USB transaction.This capability is fully covered by Microchip
intellectual property (U.S. Pat. Nos. 7,523,243 and 7,627,708) and is instrumental in enabling Apple CarPlay™, where
the Apple iPhone® becomes a USB Host.
FlexConnect, which provides flexible connectivity options. Any one of the USB7002’s downstream ports can be reconfigured
to become the upstream port, allowing master capable devices to control other devices on the hub.
AEC-Q100 compliance:, which tailors the device for use in automotive applications requiring automotive grade robustness,
starting with the comprehension of proprietary design for reliability techniques within the silicon IC itself, as well
as for the package design.
• Automotive qualified technologies and processes are used to fabricate the products with enhanced monitors to
continuously drive improvements in accordance with Microchip's zero-dpm methodology.
• Product qualification is focused on customer expectations and exceeds many of the automotive reliability standards
including AEC-Q100.
• Microchip automotive services are provided during the life of the product from a dedicated organization of operations,
quality, and product support personnel specialized in meeting the requirements of the automotive customer.
PortSwap, which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost, which provides programmable levels of Hi-Speed USB signal drive strength
in the downstream port transceivers. PHYBoost attempts to restore USB signal integrity
in a compromised system environment. The graphic on the right shows an example of
Hi-Speed USB eye diagrams before and after PHYBoost signal integrity restoration. in
a compromised system environment.

Highlights
• 4-Port USB SmartHub™ IC with:
- Native USB Type-C® support on upstream port
- Native USB Type-C support on downstream ports
1 and 2
- Two Standard USB 2.0 downstream ports
- Internal Hub Feature Controller device which
enables:
- USB to I2
C/SPI/UART/I2S/GPIO bridge endpoint
support
- USB to internal hub register write and read
• USB-IF Certified - TID 1212. Testing includes:
- USB 3.2 Gen 1 Hub with BC1.2 support
- Billboard endpoint device for Alternate Mode negotiation
status
- Advanced multi-port system policy management
• USB Link Power Management (LPM) support
• USB-IF Battery Charger revision 1.2 support on
downstream ports (DCP, CDP, SDP)
• Enhanced OEM configuration options available
through either OTP or SPI ROM
• Commercial and industrial grade temperature
support
• Automotive/AEC-Q100 qualified
Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.2 Gen 1 Peripherals
• Automotive integrated head unit and breakout box
Key Benefits
• USB 3.2 Gen 1 compliant 5 Gbps, 480 Mbps, 12
Mbps, and 1.5Mbps operation
- 5V tolerant USB 2.0 pins
- 1.32V tolerant USB 3.2 Gen 1 pins
- Integrated termination and pull-up/down resistors
• Native USB Type-C Support
- Type-C CC Pin with integrated Rp and Rd
- Integrated multiplexer on USB Type-C enabled
ports. USB 3.2 Gen 1 PHYs are disabled until a
valid Type-C attach is detected, saving idle power.
- Control for external VCONN supply
• Supports battery charging of most popular battery
powered devices on all ports
- USB-IF Battery Charging rev. 1.2 support
(DCP, CDP, SDP)
- Apple® portable product charger emulation
- Chinese YD/T 1591-2006 charger emulation
- Chinese YD/T 1591-2009 charger emulation
- European Union universal mobile charger support
- Supports additional portable devices
• On-chip Microcontroller
- Manages I/Os, VBUS, and other signals
• 64kB RAM, 256kB ROM
• 8kB One-Time-Programmable (OTP) ROM
- Includes on-chip charge pump
• Configuration programming via OTP ROM, SPI
ROM, or SMBus
• FlexConnect
- The roles of the upstream and any downstream
port are reversible on command
• Multi-Host Endpoint Reflector
- Integrated host-controller endpoint reflector via
CDC/NCM device class for automotive applications
• USB Bridging
- USB to I2C, SPI, UART, I2S, and GPIO
• PortSwap
- Configurable USB 2.0 differential pair signal swapping
• PHYBoost
- Programmable USB 2.0 transceiver drive strength
for recovering signal integrity
• VariSense
- Programmable USB 2.0 receiver sensitivity
• Compatible with Microsoft Windows 10, 8, 7, XP,
Apple OS X 10.4+, and Linux hub drivers
• Optimized for low-power operation and low thermal
dissipation
• Package: 100-pin RoHS compliant VQFN
(12mm x 12mm)
* USB Type-C® and USB-C® are trademarks of USB Implementers Forum.




Similar Part No. - USB7002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7002 MICROCHIP-USB7002 Datasheet
519Kb / 56P
4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
USB7002-IKDXV MICROCHIP-USB7002-IKDXV Datasheet
519Kb / 56P
4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
USB7002-KDXV MICROCHIP-USB7002-KDXV Datasheet
519Kb / 56P
4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
USB7002T-IKDXV MICROCHIP-USB7002T-IKDXV Datasheet
519Kb / 56P
4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
USB7002T-KDXV MICROCHIP-USB7002T-KDXV Datasheet
519Kb / 56P
4-Port SS/HS USB Type-C??PD Smart Hub
05/14/19
More results


Similar Description - USB7002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5806C MICROCHIP-USB5806C Datasheet
2Mb / 61P
6-Port USB 3.2 Gen 1 SmartHubTM IC
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006_V01 Datasheet
731Kb / 56P
6-Port USB 3.2 Gen 1 SmartHubTMController
09/14/21
USB7016 MICROCHIP-USB7016_V01 Datasheet
771Kb / 60P
6-Port USB 3.2 Gen 1 SmartHubTM Controller
09/14/21
USB7056 MICROCHIP-USB7056 Datasheet
641Kb / 55P
6-Port USB 3.2 Gen 1 PD SmartHub??IC
09/14/21
USB5926C MICROCHIP-USB5926C_V01 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHub with Support for Multiple USB Type-C짰 UFP and DFP
DS00003190C (03-17-21)
logo
Coolgear Inc.
CG-16PU3MGD COOLGEAR-CG-16PU3MGD Datasheet
532Kb / 5P
16 PORT MANAGED USB 3.2 GEN 1 HU
8/18/2021
CG-4PU3MGD COOLGEAR-CG-4PU3MGD Datasheet
460Kb / 9P
4 Port Managed USB 3.2 Gen 1 Hub w/15KV
USBG-4U3MLR2 COOLGEAR-USBG-4U3MLR2 Datasheet
3Mb / 3P
4 Port USB 3.2 Gen 1 Powered Hub w/ ESD Surge Protection
Rev 04.220304
logo
Microchip Technology
USB5807C MICROCHIP-USB5807C Datasheet
2Mb / 56P
7-Port USB 3.2 Gen 1 SmartHubTM IC
DS00003182B 08-20-21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com