Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF101 Datasheet (PDF) - Schneider Electric

DF101 Datasheet PDF - Schneider Electric
Part # DF101
Download  DF101 Download
File Size   103.7 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Fuse carrier TeSys DF, 1P 32A, fuse size 10 x 38 mm

DF101 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF101 Datasheet PDF - Schneider Electric

Part # DF101
Download  DF101 Click to download

File Size   103.7 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Fuse carrier TeSys DF, 1P 32A, fuse size 10 x 38 mm

DF101 Datasheet (HTML) - Schneider Electric


DF101 Product details

Main
Range TeSys
Product name TeSys DF
Product or Component Type Fuse carrier
Device short name DF10
Product compatibility DF2CA fuse cartridge
DF2CN fuse cartridge
Poles description 1P
Fuse size 10 x 38 mm




Similar Part No. - DF101

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
DF101 CITC-DF101 Datasheet
91Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Schneider Electric
DF101 SCHNEIDER-DF101 Datasheet
91Kb / 3P
Fuse carrier TeSys DF, 1P 32A, fuse size 10 x 38 mm
Jul 12, 2021
DF101N SCHNEIDER-DF101N Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10 x 38 mm
Jul 12, 2021
DF101N SCHNEIDER-DF101N Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10 x 38 mm
May 30, 2022
DF101NV SCHNEIDER-DF101NV Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10x38 mm, blown fuse indicator
Jul 12, 2021
More results


Similar Description - DF101

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF103 SCHNEIDER-DF103 Datasheet
107Kb / 3P
Fuse carrier TeSys DF, 3P 32A, fuse size 10x38 mm
Jul 12, 2021
DF102 SCHNEIDER-DF102 Datasheet
95Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm
Jul 12, 2021
DF101V SCHNEIDER-DF101V Datasheet
84Kb / 3P
Fuse carrier TeSys DF, 1P 32A, fuse size 10x38 mm, blown fuse indicator
Jul 12, 2021
DF101NV SCHNEIDER-DF101NV Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10x38 mm, blown fuse indicator
Jul 12, 2021
DF101N SCHNEIDER-DF101N Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10 x 38 mm
Jul 12, 2021
DF101 SCHNEIDER-DF101 Datasheet
91Kb / 3P
Fuse carrier TeSys DF, 1P 32A, fuse size 10 x 38 mm
Jul 12, 2021
DF101NV SCHNEIDER-DF101NV_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10x38 mm, blown fuse indicator
May 30, 2022
DF101N SCHNEIDER-DF101N_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10 x 38 mm
May 30, 2022
DF101V SCHNEIDER-DF101V_V01 Datasheet
97Kb / 3P
Fuse carrier TeSys DF, 1P 32A, fuse size 10x38 mm, blown fuse indicator
May 30, 2022
DF102 SCHNEIDER-DF102_V01 Datasheet
108Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm
May 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com