Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF10N Datasheet (PDF) - Schneider Electric

DF10N Datasheet PDF - Schneider Electric
Part # DF10N
Download  DF10N Download
File Size   103.07 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Fuse carrier TeSys DF, Neutral 32A, fuse size 10x38 mm, with tubular link

DF10N Datasheet (PDF)

Go To PDF Page Download Datasheet
DF10N Datasheet PDF - Schneider Electric

Part # DF10N
Download  DF10N Click to download

File Size   103.07 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Fuse carrier TeSys DF, Neutral 32A, fuse size 10x38 mm, with tubular link

DF10N Datasheet (HTML) - Schneider Electric


DF10N Product details

Main
Range TeSys
Product name TeSys DF
Product or Component Type Fuse carrier
Device short name DF10
Device composition tubular link locked in Neutral pole
Poles description 1N
Fuse size 10 x 38 mm




Similar Part No. - DF10N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF10N SCHNEIDER-DF10N Datasheet
90Kb / 3P
Fuse carrier TeSys DF, Neutral 32A, fuse size 10x38 mm, with tubular link
Jul 12, 2021
logo
Shindengen Electric Mfg...
DF10NC15 SHINDENGEN-DF10NC15 Datasheet
635Kb / 2P
Schottky Barrier Diode
logo
Inchange Semiconductor ...
DF10NC15 ISC-DF10NC15 Datasheet
325Kb / 2P
Schottky Barrier Diode
logo
Shindengen Electric Mfg...
DF10NC15 SHINDENGEN-DF10NC15_17 Datasheet
595Kb / 4P
Schottky Barrier Diode
More results


Similar Description - DF10N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF103N SCHNEIDER-DF103N Datasheet
115Kb / 3P
Fuse carrier TeSys DF, 3PN 32A, fuse size 10x38 mm
Jul 12, 2021
DF103 SCHNEIDER-DF103 Datasheet
107Kb / 3P
Fuse carrier TeSys DF, 3P 32A, fuse size 10x38 mm
Jul 12, 2021
DF102 SCHNEIDER-DF102 Datasheet
95Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm
Jul 12, 2021
DF22N SCHNEIDER-DF22N Datasheet
107Kb / 3P
Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link
Jul 12, 2021
DF14N SCHNEIDER-DF14N Datasheet
104Kb / 3P
Fuse carrier TeSys DF, Neutral 50A, fuse size 14x51 mm, with tubular link
Jul 12, 2021
DF10N SCHNEIDER-DF10N Datasheet
90Kb / 3P
Fuse carrier TeSys DF, Neutral 32A, fuse size 10x38 mm, with tubular link
Jul 12, 2021
DF102 SCHNEIDER-DF102_V01 Datasheet
108Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm
May 30, 2022
DF103 SCHNEIDER-DF103_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 32A, fuse size 10x38 mm
May 30, 2022
DF14N SCHNEIDER-DF14N_V01 Datasheet
116Kb / 3P
Fuse carrier TeSys DF, Neutral 50A, fuse size 14x51 mm, with tubular link
May 30, 2022
DF22N SCHNEIDER-DF22N_V01 Datasheet
119Kb / 3P
Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link
Jun 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com