Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFCC3 Datasheet (PDF) - Schneider Electric

DFCC3 Datasheet PDF - Schneider Electric
Part # DFCC3
Download  DFCC3 Download
File Size   120.57 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Fuse carrier TeSys DF, 3P 30A, fuse class CC

DFCC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFCC3 Datasheet PDF - Schneider Electric

Part # DFCC3
Download  DFCC3 Click to download

File Size   120.57 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Fuse carrier TeSys DF, 3P 30A, fuse class CC

DFCC3 Datasheet (HTML) - Schneider Electric


DFCC3 Product details

Main
Range TeSys
Product name TeSys DF
Product or Component Type Fuse carrier
Device short name DFCC
Poles description 3P
Fuse type , CC
Control type Toggle padlockable
Utilisation category AC-20B IEC 60947-3
[Ue] rated operational voltage 600 V AC
[Ie] rated operational current 30 A
[Ui] rated insulation voltage 600 V AC
[Uimp] rated impulse withstand voltage 6 kV
Short-circuit withstand 200 kA 600 V UL 512
Power dissipation in W 3 W maximum power dissipation by fuse




Similar Part No. - DFCC3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DFCC3 SCHNEIDER-DFCC3 Datasheet
106Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
Jul 12, 2021
DFCC3V SCHNEIDER-DFCC3V Datasheet
107Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
Jul 12, 2021
DFCC3V SCHNEIDER-DFCC3V Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
May 30, 2022
DFCC3V SCHNEIDER-DFCC3V_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
May 30, 2022
More results


Similar Description - DFCC3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DFCC3V SCHNEIDER-DFCC3V Datasheet
107Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
Jul 12, 2021
DFCC3 SCHNEIDER-DFCC3 Datasheet
106Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
Jul 12, 2021
DFCC2V SCHNEIDER-DFCC2V Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC, blown fuse indicator
Jul 12, 2021
DFCC2 SCHNEIDER-DFCC2 Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
Jul 12, 2021
DFCC1V SCHNEIDER-DFCC1V Datasheet
90Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC, Fuse carrier TeSys DF, 1P 30A, fuse class CC,
Jul 12, 2021
DFCC1 SCHNEIDER-DFCC1 Datasheet
89Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC
Jul 12, 2021
DFCC1V SCHNEIDER-DFCC1V_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, 1P 30A, fuse class CC, blown fuse indicator
May 30, 2022
DFCC1 SCHNEIDER-DFCC1_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, 1P 30A, fuse class CC
May 30, 2022
DFCC2 SCHNEIDER-DFCC2_V01 Datasheet
106Kb / 3P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
May 30, 2022
DFCC3V SCHNEIDER-DFCC3V_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
May 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com