Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR11 Datasheet (PDF) - First Components International

FR11 Datasheet PDF - First Components International
Part # FR11
Download  FR11 Download
File Size   117.81 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS

FR11 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR11 Datasheet PDF - First Components International

Part # FR11
Download  FR11 Click to download

File Size   117.81 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS

FR11 Datasheet (HTML) - First Components International


FR11 Product details

Features

FAST SWITCHING FOR HIGH EFFICIENCY

HIGH SURGE  CAPABILITY

1.0 AMP OPERATION  @  TA = 55°C, WITH NO THERMAL RUNAWAY

MEETS UL SPECIFICATION 94V-0




Similar Part No. - FR11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11 MACOM-FR11 Datasheet
40Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
M/A-COM Technology Solu...
FR11 MA-COM-FR11 Datasheet
42Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
Tyco Electronics
FR11-0001 MACOM-FR11-0001 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 869 - 894 MHz
FR11-0001 MACOM-FR11-0001 Datasheet
61Kb / 1P
Single Junction Drop-In Circulator
FR11-0001 MACOM-FR11-0001 Datasheet
40Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
More results


Similar Description - FR11

ManufacturerPart #DatasheetDescription
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
First Components Intern...
1N4933 FCI-1N4933 Datasheet
113Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
BA157 FCI-BA157 Datasheet
128Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
First Components Intern...
FR10G FCI-FR10G Datasheet
416Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Nanjing International G...
1F1 DGNJDZ-1F1 Datasheet
139Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
1F1 DYELEC-1F1 Datasheet
522Kb / 2P
1.0 AMP. Fast Plastic silicon Recovery Rectifiers
logo
Nanjing International G...
1N4942 DGNJDZ-1N4942 Datasheet
219Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com