Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LF2MLQ1 Datasheet (PDF) - NXP Semiconductors

SPC5643LF2MLQ1 Datasheet PDF - NXP Semiconductors
Part # SPC5643LF2MLQ1
Download  SPC5643LF2MLQ1 Download
File Size   1181.95 Kbytes
Page   136 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5643L Microcontroller Data Sheet

SPC5643LF2MLQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC5643LF2MLQ1 Datasheet PDF - NXP Semiconductors

Part # SPC5643LF2MLQ1
Download  SPC5643LF2MLQ1 Click to download

File Size   1181.95 Kbytes
Page   136 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5643L Microcontroller Data Sheet

SPC5643LF2MLQ1 Datasheet (HTML) - NXP Semiconductors


SPC5643LF2MLQ1 Product details

• High-performance e200z4d dual core
— 32-bit Power Architecture® technology CPU
— Core frequency as high as 120 MHz
— Dual issue five-stage pipeline core
— Variable Length Encoding (VLE)
— Memory Management Unit (MMU)
— 4 KB instruction cache with error detection code
— Signal processing engine (SPE)
• Memory available
— 1 MB flash memory with ECC
— 128 KB on-chip SRAM with ECC
— Built-in RWW capabilities for EEPROM emulation
• SIL3/ASILD innovative safety concept: LockStep mode and
Fail-safe protection
— Sphere of replication (SoR) for key components (such as
CPU core, eDMA, crossbar switch)
— Fault collection and control unit (FCCU)
— Redundancy control and checker unit (RCCU) on outputs
of the SoR connected to FCCU
— Boot-time Built-In Self-Test for Memory (MBIST) and
Logic (LBIST) triggered by hardware
— Boot-time Built-In Self-Test for ADC and flash memory
triggered by software
— Replicated safety enhanced watchdog
— Replicated junction temperature sensor
— Non-maskable interrupt (NMI)
— 16-region memory protection unit (MPU)
— Clock monitoring units (CMU)
— Power management unit (PMU)
— Cyclic redundancy check (CRC) unit
• Decoupled Parallel mode for high-performance use of
replicated cores
• Nexus Class 3+ interface
• Interrupts
— Replicated 16-priority controller
— Replicated 16-channel eDMA controller
• GPIOs individually programmable as input, output or
special function
• Three 6-channel general-purpose eTimer units
• 2 FlexPWM units
— Four 16-bit channels per module
• Communications interfaces
— 2 LINFlexD channels
— 3 DSPI channels with automatic chip select
generation
— 2 FlexCAN interfaces (2.0B Active) with 32
message objects
— FlexRay module (V2.1 Rev. A) with 2 channels,
64 message buffers and data rates up to 10 Mbit/s
• Two 12-bit analog-to-digital converters (ADCs)
— 16 input channels
— Programmable cross triggering unit (CTU) to
synchronize ADCs conversion with timer and
PWM
• Sine wave generator (D/A with low pass filter)
• On-chip CAN/UART bootstrap loader
• Single 3.0 V to 3.6 V voltage supply
• Ambient temperature range –40 °C to 125 °C
• Junction temperature range –40 °C to 150 °C




Similar Part No. - SPC5643LF2MLQ1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5643LF2MLQ1 FREESCALE-SPC5643LF2MLQ1 Datasheet
739Kb / 136P
Qorivva Microcontroller
More results


Similar Description - SPC5643LF2MLQ1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MPC5643L FREESCALE-MPC5643L Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com