Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5606BACLL4R Datasheet (PDF) - NXP Semiconductors

MPC5606BACLL4R Datasheet PDF - NXP Semiconductors
Part # MPC5606BACLL4R
Download  MPC5606BACLL4R Download
File Size   995.0 Kbytes
Page   114 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5607B Microcontroller Data Sheet

MPC5606BACLL4R Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5606BACLL4R Datasheet PDF - NXP Semiconductors

Part # MPC5606BACLL4R
Download  MPC5606BACLL4R Click to download

File Size   995.0 Kbytes
Page   114 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5607B Microcontroller Data Sheet

MPC5606BACLL4R Datasheet (HTML) - NXP Semiconductors


MPC5606BACLL4R Product details

Features
• Single issue, 32-bit CPU core complex (e200z0h)
— Compliant with the Power Architecture® technology
embedded category
— Enhanced instruction set allowing variable length
encoding (VLE) for code size footprint reduction.
With the optional encoding of mixed 16-bit and
32-bit instructions, it is possible to achieve
significant code size footprint reduction.
• Up to 1.5 MB on-chip code flash memory supported with
the flash memory controller
• 64 (4 × 16) KB on-chip data flash memory with ECC
• Up to 96 KB on-chip SRAM
• Memory protection unit (MPU) with 8 region descriptors
and 32-byte region granularity on certain family members
(Refer to Table 1 for details.)
• Interrupt controller (INTC) capable of handling 204
selectable-priority interrupt sources
• Frequency modulated phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to
peripherals, Flash, or RAM from multiple bus masters
• 16-channel eDMA controller with multiple transfer
request sources using DMA multiplexer
• Boot assist module (BAM) supports internal Flash
programming via a serial link (CAN or SCI)
• Timer supports I/O channels providing a range of 16-bit
input capture, output compare, and pulse width
modulation functions (eMIOS)
• 2 analog-to-digital converters (ADC): one 10-bit and one
12-bit
• Cross Trigger Unit to enable synchronization of ADC
conversions with a timer event from the eMIOS or PIT
• Up to 6 serial peripheral interface (DSPI) modules
• Up to 10 serial communication interface (LINFlex)
modules
• Up to 6 enhanced full CAN (FlexCAN) modules with
configurable buffers
• 1 inter-integrated circuit (I2C) interface module
• Up to 149 configurable general purpose pins supporting
input and output operations (package dependent)
• Real-Time Counter (RTC)
• Clock source from internal 128 kHz or 16 MHz oscillator
supporting autonomous wakeup with 1 ms resolution with
maximum timeout of 2 seconds
• Optional support for RTC with clock source from external
32 kHz crystal oscillator, supporting wakeup with 1 sec
resolution and maximum timeout of 1 hour
• Up to 8 periodic interrupt timers (PIT) with 32-bit counter
resolution
• Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus
• Device/board boundary scan testing supported per Joint
Test Action Group (JTAG) of IEEE (IEEE 1149.1)
• On-chip voltage regulator (VREG) for regulation of
input supply for all internal levels




Similar Part No. - MPC5606BACLL4R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5606B FREESCALE-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
MPC5606B FREESCALE-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
MPC5606BECLLR FREESCALE-MPC5606BECLLR Datasheet
1Mb / 92P
Microcontroller
MPC5606BECLQ FREESCALE-MPC5606BECLQ Datasheet
892Kb / 98P
Microcontroller
MPC5606BECLQR FREESCALE-MPC5606BECLQR Datasheet
1Mb / 92P
Microcontroller
More results


Similar Description - MPC5606BACLL4R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
PPC5605BCLQ64 FREESCALE-PPC5605BCLQ64 Datasheet
779Kb / 110P
MPC5607B Microcontroller
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
SPC5606BF1MLQ6 FREESCALE-SPC5606BF1MLQ6 Datasheet
860Kb / 112P
MPC5607B Microcontroller
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com