Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP02 Datasheet (PDF) - First Components International

GP02 Datasheet PDF - First Components International
Part # GP02
Download  GP02 Download
File Size   108.49 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS

GP02 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP02 Datasheet PDF - First Components International

Part # GP02
Download  GP02 Click to download

File Size   108.49 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS

GP02 Datasheet (HTML) - First Components International


GP02 Product details

Features
■ DESIGNED FOR PHOTO FLASH APPLICATIONS
■ LOW COST
■ BEVELED ROUND CHIP, AVALANCHE OPERATION
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - GP02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP02 XPPOWER-GP02 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
logo
Olitech Electronics Co....
GP02-13 OLITECH-GP02-13 Datasheet
660Kb / 2P
High Voltage 1.5A Sintered Glass Passivated Rectifie
GP02-13A OLITECH-GP02-13A Datasheet
675Kb / 2P
High Voltage 1.0A Sintered Glass Passivated Rectifie
GP02-14 OLITECH-GP02-14 Datasheet
660Kb / 2P
High Voltage 1.5A Sintered Glass Passivated Rectifie
More results


Similar Description - GP02

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
FV05M FCI-FV05M Datasheet
63Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Electronic devices inc.
HV15PD EDI-HV15PD Datasheet
85Kb / 2P
HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
HY ELECTRONIC CORP.
BY133 HY-BY133 Datasheet
39Kb / 2P
HIGH VOLTAGE PLASTIC RECTIFIERS
logo
Edal Industries, Inc.
B427 EDAL-B427 Datasheet
731Kb / 2P
Sub-Miniature High Voltage Rectifiers
B587 EDAL-B587 Datasheet
749Kb / 2P
Sub-Miniature High Voltage Rectifiers
B412 EDAL-B412 Datasheet
484Kb / 2P
Miniature High Voltage Silicon Rectifiers
logo
Vishay Siliconix
UG4A VISHAY-UG4A_11 Datasheet
78Kb / 4P
Miniature Ultrafast Plastic Rectifiers
04-May-11
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Vishay Siliconix
UG4A-M3 VISHAY-UG4A-M3 Datasheet
78Kb / 4P
Miniature Ultrafast Plastic Rectifiers
19-Feb-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com