Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64001-7770 Datasheet (PDF) - Molex Electronics Ltd.

64001-7770 Datasheet PDF - Molex Electronics Ltd.
Part # 64001-7770
Download  64001-7770 Download
File Size   128.13 Kbytes
Page   4 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Crimp Tool Kit for 6 AWG Insulated Ring Terminals

64001-7770 Datasheet (PDF)

Go To PDF Page Download Datasheet
64001-7770 Datasheet PDF - Molex Electronics Ltd.

Part # 64001-7770
Download  64001-7770 Click to download

File Size   128.13 Kbytes
Page   4 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Crimp Tool Kit for 6 AWG Insulated Ring Terminals

64001-7770 Datasheet (HTML) - Molex Electronics Ltd.


64001-7770 Product details

SCOPE

Tooling: The Square “DIN” style die sets are used with two machines and each machine requires an adapter for
the square “DIN” dies. The Molex UP60, order number 63801-8900 will process the square “DIN” style
die sets with the 63801-8901 adapter. The Molex 12 ton battery crimp tool, order number 63816-1000
will process the square “DIN” style die sets with the 63816-1100. Refer to the appropriate crimper
instruction manual for installation and operation information.

Products: InsulKrimp™ and NylaKrimp™ Ring Tongue Terminals and Splices 6 AWG. Refer to the Product
part number charts on this sheet for terminals with the barrel and tongue styles listed above.




Similar Part No. - 64001-7770

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64001-7770 MOLEX11-64001-7770 Datasheet
29Kb / 1P
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
More results


Similar Description - 64001-7770

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64001-7670 MOLEX11-64001-7670 Datasheet
27Kb / 1P
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
64001-7770 MOLEX11-64001-7770 Datasheet
29Kb / 1P
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
0640017670 MOLEX11-0640017670 Datasheet
27Kb / 1P
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
0640017770 MOLEX11-0640017770 Datasheet
29Kb / 1P
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
0640017870 MOLEX11-0640017870 Datasheet
29Kb / 1P
Hand Crimp Tool for 4 AWG Insulated Ring Terminals
0640017970 MOLEX11-0640017970 Datasheet
27Kb / 1P
Hand Crimp Tool for 2 AWG Insulated Ring Terminals
64003-7770 MOLEX-64003-7770 Datasheet
208Kb / 3P
Hand Crimp Tool for 6 AWG Un-insulated Ring Terminals
03-24-16
64003-7670 MOLEX-64003-7670 Datasheet
344Kb / 3P
Hand Crimp Tool for 8 AWG Un-insulated Ring Terminals
03-24-16
ATS-640017670 MOLEX-ATS-640017670 Datasheet
135Kb / 4P
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
07-16-13
ATS-640017970 MOLEX-ATS-640017970 Datasheet
127Kb / 4P
Hand Crimp Tool for 2 AWG Insulated Ring Terminals
07-16-13
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com