Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV05 Datasheet (PDF) - First Components International

HV05 Datasheet PDF - First Components International
Part # HV05
Download  HV05 Download
File Size   125.15 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS

HV05 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV05 Datasheet PDF - First Components International

Part # HV05
Download  HV05 Click to download

File Size   125.15 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS

HV05 Datasheet (HTML) - First Components International


HV05 Product details

Features
■ HIGH OVERLOAD SURGE CAPABILITY
■ CONTROLLED AVALANCHE CHARACTERISTICS
■ LOW FORWARD VOLTAGE DROP
■ TYPICAL IR < 1µA
■ HIGH TEMPERATURE SOLDERING – 250°C 10 Seconds
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - HV05

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HV05-08 FRONTIER-HV05-08 Datasheet
119Kb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-08 FRONTIER-HV05-08 Datasheet
1Mb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-08 FRONTIER-HV05-08_16 Datasheet
1Mb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-09 FRONTIER-HV05-09 Datasheet
119Kb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-09 FRONTIER-HV05-09 Datasheet
1Mb / 2P
HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
More results


Similar Description - HV05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HV07 ETC1-HV07 Datasheet
123Kb / 2P
750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
First Components Intern...
HV03 FCI-HV03 Datasheet
125Kb / 2P
350 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
HV-6X2P1 FCI-HV-6X2P1 Datasheet
58Kb / 1P
550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
HV07 FCI-HV07 Datasheet
125Kb / 2P
750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
CL01-09 GETEDZ-CL01-09 Datasheet
507Kb / 2P
High Voltage Microwave Oven Rectifiers Diodes
CL01-12 GETEDZ-CL01-12_V01 Datasheet
507Kb / 2P
High Voltage Microwave Oven Rectifiers Diodes
CL01-16 GETEDZ-CL01-16 Datasheet
507Kb / 2P
High Voltage Microwave Oven Rectifiers Diodes
CL04-09 GETEDZ-CL04-09 Datasheet
507Kb / 2P
High Voltage Microwave Oven Rectifiers Diodes
CL04-12 GETEDZ-CL04-12 Datasheet
507Kb / 2P
High Voltage Microwave Oven Rectifiers Diodes
CL04-16 GETEDZ-CL04-16 Datasheet
507Kb / 2P
High Voltage Microwave Oven Rectifiers Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com