Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B11G3338N80DX Datasheet (PDF) - Ampleon Netherlands B.V.

B11G3338N80DX Datasheet PDF - Ampleon Netherlands B.V.
Part # B11G3338N80DX
Download  B11G3338N80DX Download
File Size   1308.33 Kbytes
Page   15 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 3-stage integrated Doherty MMIC

B11G3338N80DX Datasheet (PDF)

Go To PDF Page Download Datasheet
B11G3338N80DX Datasheet PDF - Ampleon Netherlands B.V.

Part # B11G3338N80DX
Download  B11G3338N80DX Click to download

File Size   1308.33 Kbytes
Page   15 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 3-stage integrated Doherty MMIC

B11G3338N80DX Datasheet (HTML) - Ampleon Netherlands B.V.


B11G3338N80DX Product details

General description
The B11G3338N80D is a dual section 3-stage fully integrated Doherty MMIC solution
using Ampleon's state of the art LDMOS technology. The carrier and peaking device, input
splitter, output combiner and pre-match are integrated in each section. This multiband
device is perfectly suited as general purpose driver in the frequency range 3300 MHz to
3800 MHz. Available in PQFN outline.
Features and benefits
 Integrated input splitter
 Integrated output combiner
 25 Ω output impedance thanks to integrated pre-match
 Designed for wideband operation
 High linearity
 Independent control of carrier and peaking bias
 Integrated ESD protection
 Integrated bias gate switch
 Source impedance 50 Ω; high power gain
 For RoHS compliance see the product details on the Ampleon website
Applications
 Macrocell base station driver
 Microcell base station
 5G mMIMO
 W-CDMA/LTE
 Active antenna
 General purpose applications




Similar Part No. - B11G3338N80DX

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
B11G3338N81D AMPLEON-B11G3338N81D Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 - 14 November 2022
B11G3338N81DX AMPLEON-B11G3338N81DX Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 - 14 November 2022
B11G3338N81DYZ AMPLEON-B11G3338N81DYZ Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 - 14 November 2022
More results


Similar Description - B11G3338N80DX

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
B10G3438N55D AMPLEON-B10G3438N55D Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??5 October 2021
B10G3741N55D AMPLEON-B10G3741N55D Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 2 ??16 April 2021
BLM10D3438-35AB AMPLEON-BLM10D3438-35AB Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??30 July 2019
BLM9D3336-12AM AMPLEON-BLM9D3336-12AM Datasheet
1Mb / 15P
LDMOS 3-stage integrated Doherty MMIC
Rev. 2 ??5 February 2021
BLM9D3336-14AM AMPLEON-BLM9D3336-14AM Datasheet
1Mb / 15P
LDMOS 3-stage integrated Doherty MMIC
Rev. 2 ??13 January 2022
BLM9D3438-16AM AMPLEON-BLM9D3438-16AM Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??2 November 2021
BLM10D3438-70ABG AMPLEON-BLM10D3438-70ABG Datasheet
1Mb / 17P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1,18 September 2020
BLM10D3740-35AB AMPLEON-BLM10D3740-35AB Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??14 December 2020
B10G4750N12DL AMPLEON-B10G4750N12DL Datasheet
918Kb / 12P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 - 10 January 2023
BLM9D3842-16AM AMPLEON-BLM9D3842-16AM Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 - 25 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com