Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM9D0910-05AM Datasheet (PDF) - Ampleon Netherlands B.V.

BLM9D0910-05AM Datasheet PDF - Ampleon Netherlands B.V.
Part # BLM9D0910-05AM
Download  BLM9D0910-05AM Download
File Size   1242.25 Kbytes
Page   15 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 1-stage integrated Doherty MMIC

BLM9D0910-05AM Datasheet (PDF)

Go To PDF Page Download Datasheet
BLM9D0910-05AM Datasheet PDF - Ampleon Netherlands B.V.

Part # BLM9D0910-05AM
Download  BLM9D0910-05AM Click to download

File Size   1242.25 Kbytes
Page   15 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 1-stage integrated Doherty MMIC

BLM9D0910-05AM Datasheet (HTML) - Ampleon Netherlands B.V.


BLM9D0910-05AM Product details

General description
The BLM9D0910-05AM is a 1-stage 5 W fully integrated Doherty MMIC solution using
Ampleon's state of the art GEN9 LDMOS technology. The carrier and peaking device,
input splitter and output combiner are integrated in a single package. This multiband
device is perfectly suited as a device in the frequency range from 859 MHz to 960 MHz.
Available in LGA outline.
Features and benefits
 Integrated input splitter
 Integrated output combiner
 Very high efficiency
 Designed for broadband operation (frequency 859 MHz to 960 MHz)
 Independent control of carrier and peaking bias
 Integrated ESD protection
 Excellent thermal stability
 High power gain, input and output matched to impedance 50 Ω
 For RoHS compliance see the product details on the Ampleon website
Applications
 RF power MMIC for multi-carrier and multi-standard GSM, W-CDMA, LTE and NR
small cell base stations in the 859 MHz to 960 MHz frequency range




Similar Part No. - BLM9D0910-05AM

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLM9D0708-05AM AMPLEON-BLM9D0708-05AM Datasheet
1Mb / 14P
LDMOS 1-stage integrated Doherty MMIC
Rev. 1 ??4 February 2021
More results


Similar Description - BLM9D0910-05AM

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
B10G3438N55D AMPLEON-B10G3438N55D Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??5 October 2021
B10G3741N55D AMPLEON-B10G3741N55D Datasheet
1Mb / 14P
LDMOS 3-stage integrated Doherty MMIC
Rev. 2 ??16 April 2021
B11G2327N70D AMPLEON-B11G2327N70D Datasheet
1Mb / 15P
LDMOS 2-stage integrated Doherty MMIC
Rev. 2 ??7 April 2022
BLM9D0708-05AM AMPLEON-BLM9D0708-05AM Datasheet
1Mb / 14P
LDMOS 1-stage integrated Doherty MMIC
Rev. 1 ??4 February 2021
BLM9D2022-08AM AMPLEON-BLM9D2022-08AM Datasheet
1Mb / 14P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1, 10 September 2020
BLM10D1822-61ABG AMPLEON-BLM10D1822-61ABG Datasheet
1Mb / 17P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??19 October 2020
BLM10D2327-60ABG AMPLEON-BLM10D2327-60ABG Datasheet
1Mb / 13P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??9 January 2020
BLM9D2327S-50PB AMPLEON-BLM9D2327S-50PB Datasheet
1Mb / 20P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??6 April 2019
BLM10D3438-70ABG AMPLEON-BLM10D3438-70ABG Datasheet
1Mb / 17P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1,18 September 2020
BLM10D3740-35AB AMPLEON-BLM10D3740-35AB Datasheet
1Mb / 13P
LDMOS 3-stage integrated Doherty MMIC
Rev. 1 ??14 December 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com