Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM9D1920-08AM Datasheet (PDF) - Ampleon Netherlands B.V.

BLM9D1920-08AM Datasheet PDF - Ampleon Netherlands B.V.
Part # BLM9D1920-08AM
Download  BLM9D1920-08AM Download
File Size   1199.13 Kbytes
Page   14 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 2-stage integrated Doherty MMIC

BLM9D1920-08AM Datasheet (PDF)

Go To PDF Page Download Datasheet
BLM9D1920-08AM Datasheet PDF - Ampleon Netherlands B.V.

Part # BLM9D1920-08AM
Download  BLM9D1920-08AM Click to download

File Size   1199.13 Kbytes
Page   14 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS 2-stage integrated Doherty MMIC

BLM9D1920-08AM Datasheet (HTML) - Ampleon Netherlands B.V.


BLM9D1920-08AM Product details

General description
The BLM9D1920-08AM is a 2-stage 8 W fully integrated Doherty MMIC solution using
Ampleon's state of the art GEN9 LDMOS technology. The carrier and peaking device,
input splitter and output combiner are integrated in a single package. This multiband
device is perfectly suited as a device in the frequency range from 1880 MHz to 2025 MHz.
Available in LGA outline.
Features and benefits
 Integrated input splitter
 Integrated output combiner
 Very high efficiency
 Designed for broadband operation (frequency 1880 MHz to 2025 MHz)
 Independent control of carrier and peaking bias
 Integrated ESD protection
 Excellent thermal stability
 High power gain, input and output matched to impedance 50 Ω
 For RoHS compliance see the product details on the Ampleon website
Applications
 RF power MMIC for multi-carrier and multi-standard GSM, W-CDMA, LTE and NR
small cell base stations in the 1880 MHz to 2025 MHz frequency range




Similar Part No. - BLM9D1920-08AM

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLM9D1819-08AM AMPLEON-BLM9D1819-08AM Datasheet
1Mb / 14P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??13 October 2020
BLM9D1822-30B AMPLEON-BLM9D1822-30B Datasheet
1Mb / 16P
LDMOS 2-stage integrated Doherty MMIC
Rev. 2 ??13 December 2019
BLM9D1822S-60PBG AMPLEON-BLM9D1822S-60PBG Datasheet
1Mb / 17P
LDMOS 2-stage integrated Doherty MMIC
Rev. 3 ??16 April 2021
More results


Similar Description - BLM9D1920-08AM

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
B11G1822N60D AMPLEON-B11G1822N60D Datasheet
1Mb / 15P
LDMOS 2-stage integrated Doherty MMIC
Rev. 2 ??7 April 2022
B11G2327N70D AMPLEON-B11G2327N70D Datasheet
1Mb / 15P
LDMOS 2-stage integrated Doherty MMIC
Rev. 2 ??7 April 2022
BLM8D1822S-50PB AMPLEON-BLM8D1822S-50PB Datasheet
2Mb / 22P
LDMOS 2-stage integrated Doherty MMIC
Rev. 4, 28 September 2018
BLM9D1819-08AM AMPLEON-BLM9D1819-08AM Datasheet
1Mb / 14P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??13 October 2020
BLM9D1822-30B AMPLEON-BLM9D1822-30B Datasheet
1Mb / 16P
LDMOS 2-stage integrated Doherty MMIC
Rev. 2 ??13 December 2019
BLM9D2022-08AM AMPLEON-BLM9D2022-08AM Datasheet
1Mb / 14P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1, 10 September 2020
BLM10D1822-61ABG AMPLEON-BLM10D1822-61ABG Datasheet
1Mb / 17P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??19 October 2020
BLM10D2327-60ABG AMPLEON-BLM10D2327-60ABG Datasheet
1Mb / 13P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??9 January 2020
BLM9D2327S-50PB AMPLEON-BLM9D2327S-50PB Datasheet
1Mb / 20P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 ??6 April 2019
B10G2327N55D AMPLEON-B10G2327N55D Datasheet
1Mb / 13P
LDMOS 2-stage integrated Doherty MMIC
Rev. 1 - 11 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com