Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0902412 Datasheet (PDF) - PHOENIX CONTACT

0902412 Datasheet PDF - PHOENIX CONTACT
Part # 0902412
Download  0902412 Download
File Size   47.1 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 63C 25A

0902412 Datasheet (PDF)

Go To PDF Page Download Datasheet
0902412 Datasheet PDF - PHOENIX CONTACT

Part # 0902412
Download  0902412 Click to download

File Size   47.1 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 63C 25A

0902412 Datasheet (HTML) - PHOENIX CONTACT


0902412 Product details

Thermomagnetic circuit breaker, three-pole, 25 A thermal trip. DIN rail mounted and UL 1077-recognized with optional auxiliary contact for either S or H remote signal. Protects wiring and equipment from overcurrent and short circuit faults.




Similar Part No. - 0902412

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0902409 PHOENIX-0902409 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 20A
01.06.2012
0902425 PHOENIX-0902425 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 32A
01.06.2012
0902438 PHOENIX-0902438 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 40A
01.06.2012
0902454 PHOENIX-0902454 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 63A
01.06.2012
More results


Similar Description - 0902412

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0902328 PHOENIX-0902328 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 01A
01.06.2012
0902331 PHOENIX-0902331 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 02A
01.06.2012
0902357 PHOENIX-0902357 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 04A
01.06.2012
0902360 PHOENIX-0902360 Datasheet
57Kb / 3P
Thermomagnetic device circuit breaker - TMC 63C 06A
04.10.2012
0902373 PHOENIX-0902373 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 10A
01.06.2012
0902386 PHOENIX-0902386 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 13A
01.06.2012
0902399 PHOENIX-0902399 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 63C 16A
04.10.2012
0902409 PHOENIX-0902409 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 20A
01.06.2012
0902425 PHOENIX-0902425 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 32A
01.06.2012
0902454 PHOENIX-0902454 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 63A
01.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com