Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22N Datasheet (PDF) - Schneider Electric

DF22N Datasheet PDF - Schneider Electric
Part # DF22N
Download  DF22N Download
File Size   119.49 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link

DF22N Datasheet (PDF)

Go To PDF Page Download Datasheet
DF22N Datasheet PDF - Schneider Electric

Part # DF22N
Download  DF22N Click to download

File Size   119.49 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link

DF22N Datasheet (HTML) - Schneider Electric


DF22N Product details

Main
Range TeSys
Product name TeSys DF
Product or Component Type Fuse carrier
Device short name DF22
Device composition tubular link locked in Neutral pole
Poles description 1N
Fuse size 22 x 58 mm




Similar Part No. - DF22N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF22N SCHNEIDER-DF22N Datasheet
107Kb / 3P
Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link
Jul 12, 2021
More results


Similar Description - DF22N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF223C SCHNEIDER-DF223C Datasheet
153Kb / 3P
Fuse carrier TeSys DF, 3P 125A, fuse size 22x58 mm
Jul 12, 2021
DF222 SCHNEIDER-DF222 Datasheet
134Kb / 3P
Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm
Jul 12, 2021
DF221 SCHNEIDER-DF221 Datasheet
107Kb / 3P
Fuse carrier TeSys DF, 1P 125A, fuse size 22x58 mm
Jul 12, 2021
DF22N SCHNEIDER-DF22N Datasheet
107Kb / 3P
Fuse carrier TeSys DF, Neutral 125A, fuse size 22x58 mm, with tubular link
Jul 12, 2021
DF14N SCHNEIDER-DF14N Datasheet
104Kb / 3P
Fuse carrier TeSys DF, Neutral 50A, fuse size 14x51 mm, with tubular link
Jul 12, 2021
DF10N SCHNEIDER-DF10N_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, Neutral 32A, fuse size 10x38 mm, with tubular link
May 30, 2022
DF14N SCHNEIDER-DF14N_V01 Datasheet
116Kb / 3P
Fuse carrier TeSys DF, Neutral 50A, fuse size 14x51 mm, with tubular link
May 30, 2022
DF221 SCHNEIDER-DF221_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 1P 125A, fuse size 22x58 mm
May 30, 2022
DF223C SCHNEIDER-DF223C_V01 Datasheet
165Kb / 3P
Fuse carrier TeSys DF, 3P 125A, fuse size 22x58 mm
May 30, 2022
DF222 SCHNEIDER-DF222_V01 Datasheet
146Kb / 3P
Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm
Jun 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com