Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0915399 Datasheet (PDF) - PHOENIX CONTACT

0915399 Datasheet PDF - PHOENIX CONTACT
Part # 0915399
Download  0915399 Download
File Size   154.48 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 3 M1 122 5,0A

0915399 Datasheet (PDF)

Go To PDF Page Download Datasheet
0915399 Datasheet PDF - PHOENIX CONTACT

Part # 0915399
Download  0915399 Click to download

File Size   154.48 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 3 M1 122 5,0A

0915399 Datasheet (HTML) - PHOENIX CONTACT


0915399 Product details

Thermomagnetic circuit breaker, 3-pos., normal blow, 1 N/O contact and 2 N/C contact, with universal foot for mounting on NS 32 or NS 35




Similar Part No. - 0915399

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0915373 PHOENIX-0915373 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A
11.06.2012
More results


Similar Description - 0915399

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914853 PHOENIX-0914853 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 5,0A
0914138 PHOENIX-0914138 Datasheet
160Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 5,0A
05.10.2012
0914316 PHOENIX-0914316 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 5,0A
11.06.2012
0914497 PHOENIX-0914497 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 5,0A
11.06.2012
0914675 PHOENIX-0914675 Datasheet
155Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 200 5,0A
11.06.2012
0914976 PHOENIX-0914976 Datasheet
128Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 1,0A
04.10.2012
0915056 PHOENIX-0915056 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 8,0A
11.06.2012
0915373 PHOENIX-0915373 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A
11.06.2012
0915438 PHOENIX-0915438 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 12,0A
11.06.2012
0915496 PHOENIX-0915496 Datasheet
91Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A 500V
07/19/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com