Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0915658 Datasheet (PDF) - PHOENIX CONTACT

0915658 Datasheet PDF - PHOENIX CONTACT
Part # 0915658
Download  0915658 Download
File Size   55.58 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMCP 1 F1 300 10,0A

0915658 Datasheet (PDF)

Go To PDF Page Download Datasheet
0915658 Datasheet PDF - PHOENIX CONTACT

Part # 0915658
Download  0915658 Click to download

File Size   55.58 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMCP 1 F1 300 10,0A

0915658 Datasheet (HTML) - PHOENIX CONTACT


0915658 Product details

Thermomagnetic circuit breaker, 1-pos., fast blow, 1 N/O contact and 1 N/C contact




Similar Part No. - 0915658

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0915674 PHOENIX-0915674 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 F1 300 16,0A
11.06.2012
More results


Similar Description - 0915658

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0916123 PHOENIX-0916123 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 2,0A
0916178 PHOENIX-0916178 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 6,0A
0916194 PHOENIX-0916194 Datasheet
59Kb / 4P
Thermomagnetic device circuit breaker - TMCP 2 M1 300 10,0A
0914167 PHOENIX-0914167 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 100 10,0A
11.06.2012
0914345 PHOENIX-0914345 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 10,0A
11.06.2012
0914882 PHOENIX-0914882 Datasheet
118Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 10,0A
11.06.2012
0915674 PHOENIX-0915674 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 F1 300 16,0A
11.06.2012
0915784 PHOENIX-0915784 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300
11.06.2012
0915810 PHOENIX-0915810 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300 6.0A
11.06.2012
0915836 PHOENIX-0915836 Datasheet
55Kb / 3P
Thermomagnetic device circuit breaker - TMCP 1 M1 300 10.0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com