Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB112 Datasheet (PDF) - Summit Microelectronics, Inc.

SMB112 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMB112
Download  SMB112 Download
File Size   134.41 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Five-Channel Digitally Programmable White-LED and TFT/LCD Power Manager

SMB112 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB112 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMB112
Download  SMB112 Click to download

File Size   134.41 Kbytes
Page   1 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Five-Channel Digitally Programmable White-LED and TFT/LCD Power Manager

SMB112 Datasheet (HTML) - Summit Microelectronics, Inc.


SMB112 Product details

INTRODUCTION

The SMB112 is a highly integrated and flexible five-channel power manager designed for powering TFT/LCD display panels and for driving low- and high-power white-LEDs. The built-in digital programmability allows system designers to custom tailor the device to suit almost any multi-channel power supply application from digital camcorders to mobile phones.



FEATURES & APPLICATIONS

• Digital programming of all major parameters via I2C interface and non-volatile memory

  o Output voltage set-point

  o Individual dimming

  o Output power-up/down sequencing

  o Digital soft-start and output slew rate

  o Input/Battery voltage monitoring

  o UV/OV monitoring of all outputs

  o Enable/Disable outputs independently

• Five output channels

  o One synchronous step-down (buck) channel

  o Two step-up (boost) channels

  o One inverting (buck-boost) channel

 o One fixed output +3.3V LDO

• +2.7V to +6.0V Input Range

• Highly accurate reference and output voltage (<0.5%) with Active DC Output Control (ADOC™) technology

• Supports multiple strings of up to 12 white LEDs in series

• Undervoltage Lockout (UVLO) with hysteresis

• 800 kHz operating frequency

• 96 bytes of user configurable nonvolatile memory



Applications

• White LED backlighting

• High-power LED driving

• TFT/LCD Displays/Monitors/TV’s

• Digital camcorders/still cameras

• Portable DVD/MP3/GPS

• Camera/smart phones

• Mobile Computing/PDA’s



 




Similar Part No. - SMB112

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMB112

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6123 EMMICRO-V6123 Datasheet
701Kb / 19P
Digitally Programmable 2, 4 and 8 Mux LCD Driver
EM6125 EMMICRO-EM6125 Datasheet
1Mb / 43P
Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
logo
Summit Microelectronics...
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
logo
EM Microelectronic - MA...
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
Digitally Programmable 2, 4 and 8 Mux LCD Driver
logo
Summit Microelectronics...
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
logo
Kyocera Kinseki Corpota...
TVL-55736GD032JR-LW-G-AAN KSS-TVL-55736GD032JR-LW-G-AAN Datasheet
665Kb / 23P
Transmissive and Normally white type 3.2??TFT LCD module
logo
Global Mixed-mode Techn...
G2561 GMT-G2561 Datasheet
126Kb / 1P
Programmable Multi-Output TFT LCD Bias Power
G2511 GMT-G2511 Datasheet
131Kb / 2P
Power Supply for TFT-LCD Panels with 6-Channel White LED Driver
G2500 GMT-G2500 Datasheet
130Kb / 2P
Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
G5524A GMT-G5524A Datasheet
136Kb / 2P
Integrated Power Supply for TFT-LCD Panels with 4-Channel White LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com