Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB3102A2 Datasheet (PDF) - Pepperl+Fuchs Inc.

LB3102A2 Datasheet PDF - Pepperl+Fuchs Inc.
Part # LB3102A2
Download  LB3102A2 Download
File Size   565.89 Kbytes
Page   4 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description HART Transmitter Power Supply, Input Isolator

LB3102A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB3102A2 Datasheet PDF - Pepperl+Fuchs Inc.

Part # LB3102A2
Download  LB3102A2 Click to download

File Size   565.89 Kbytes
Page   4 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description HART Transmitter Power Supply, Input Isolator

LB3102A2 Datasheet (HTML) - Pepperl+Fuchs Inc.


LB3102A2 Product details

< 1-channel
< Input Ex ia
< Mounting in Zone 2, Class I/Div.2 or in the safe area
< Power supply for 2- or 3-wire transmitters with 4 mA ... 20 mA
< Supply circuit 15 V (20 mA)
< Input from active signals of 4-wire transmitters
< HART communication via field bus or service bus
< HART communication also for separately powered devices
< Simulation mode for service operations (forcing)
< Line fault detection (LFD) and Live Zero monitoring
< Permanently self-monitoring
< Module can be exchanged under voltage




Similar Part No. - LB3102A2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB3104A2 PF-LB3104A2 Datasheet
660Kb / 4P
Transmitter Power Supply, Input Isolator
2021-12-01
LB3105A2 PF-LB3105A2 Datasheet
643Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3106A PF-LB3106A Datasheet
561Kb / 4P
HART Transmitter Power Supply
2021-12-01
More results


Similar Description - LB3102A2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB3202B1 PF-FB3202B1 Datasheet
520Kb / 3P
HART Transmitter Power Supply, Input Isolator
FB3202B2 PF-FB3202B2 Datasheet
528Kb / 4P
HART Transmitter Power Supply, Input Isolator
FB3204B2 PF-FB3204B2 Datasheet
618Kb / 4P
Transmitter Power Supply, Input Isolator
FB3205B2 PF-FB3205B2 Datasheet
619Kb / 4P
HART Transmitter Power Supply, Input Isolator
FB3205B3 PF-FB3205B3 Datasheet
864Kb / 4P
HART Transmitter Power Supply, Input Isolator
FB3302B2 PF-FB3302B2 Datasheet
512Kb / 3P
HART Transmitter Power Supply, Input Isolator
FB3305B2 PF-FB3305B2 Datasheet
598Kb / 3P
HART Transmitter Power Supply, Input Isolator
LB3002A2 PF-LB3002A2 Datasheet
534Kb / 3P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3005A2 PF-LB3005A2 Datasheet
643Kb / 3P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3105A2 PF-LB3105A2 Datasheet
643Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com