Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2800898 Datasheet (PDF) - PHOENIX CONTACT

2800898 Datasheet PDF - PHOENIX CONTACT
Part # 2800898
Download  2800898 Download
File Size   105.08 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - CB TM2 10A F1P

2800898 Datasheet (PDF)

Go To PDF Page Download Datasheet
2800898 Datasheet PDF - PHOENIX CONTACT

Part # 2800898
Download  2800898 Click to download

File Size   105.08 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - CB TM2 10A F1P

2800898 Datasheet (HTML) - PHOENIX CONTACT


2800898 Product details

Thermomagnetic device circuit breaker, 2-pos., tripping characteristic F1 (fast-blow), 2 PDT contacts, plug for base element.

Product description
Thermomagnetic device circuit breaker




Similar Part No. - 2800898

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800890 PHOENIX-2800890 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 0.5A F1P
18.01.2013
2800891 PHOENIX-2800891 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 1A F1P
18.01.2013
2800892 PHOENIX-2800892 Datasheet
188Kb / 11P
Thermomagnetic device circuit breaker - CB TM2 2A F1 P
09/12/2020
2800893 PHOENIX-2800893 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A F1P
18.01.2013
2800894 PHOENIX-2800894 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 4A F1P
18.01.2013
More results


Similar Description - 2800898

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800897 PHOENIX-2800897 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 8A F1P
18.01.2013
2800899 PHOENIX-2800899 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 12A F1P
18.01.2013
2800900 PHOENIX-2800900 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 16A F1P
18.01.2013
2800865 PHOENIX-2800865 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 10A F1P
18.01.2013
2800890 PHOENIX-2800890 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 0.5A F1P
18.01.2013
2800891 PHOENIX-2800891 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 1A F1P
18.01.2013
2800893 PHOENIX-2800893 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A F1P
18.01.2013
2800894 PHOENIX-2800894 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 4A F1P
18.01.2013
2800895 PHOENIX-2800895 Datasheet
105Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 5A F1P
18.01.2013
2800896 PHOENIX-2800896 Datasheet
104Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 6A F1P
18.01.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com