Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

861141483002 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

861141483002 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 861141483002
Download  861141483002 Download
File Size   496.96 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-AI3H Aluminum Electrolytic Capacitors

861141483002 Datasheet (PDF)

Go To PDF Page Download Datasheet
861141483002 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 861141483002
Download  861141483002 Click to download

File Size   496.96 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-AI3H Aluminum Electrolytic Capacitors

861141483002 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


861141483002 Product details

E General information:
Aluminium Electrolytic Capacitors
Storage Conditions:35°C, <45% RH
Operating Temperature:-25 °C bis +105 °C
Load Life:3000 h @ +105°C / 450 V (DC)
Test conditions of Electrical Properties:20°C, 33% RH; if not specified differently
FIT according to separate documentation




Similar Part No. - 861141483002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861141483001 WURTH-861141483001 Datasheet
1Mb / 8P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.1 2015-04-30
861141483003 WURTH-861141483003 Datasheet
496Kb / 7P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
861141483004 WURTH-861141483004 Datasheet
496Kb / 7P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
861141483005 WURTH-861141483005 Datasheet
1Mb / 8P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.1 2015-04-30
861141483006 WURTH-861141483006 Datasheet
496Kb / 7P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
More results


Similar Description - 861141483002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861141484009 WURTH-861141484009 Datasheet
1Mb / 8P
WCAP-AI3H Aluminum Electrolytic Capacitors
861140783006 WURTH-861140783006 Datasheet
391Kb / 8P
WCAP-AI3H Aluminum Electrolytic Capacitors
861141483003 WURTH-861141483003 Datasheet
496Kb / 7P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
861141484010 WURTH-861141484010 Datasheet
496Kb / 7P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
861141484011 WURTH-861141484011 Datasheet
496Kb / 7P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
861141486020 WURTH-861141486020 Datasheet
497Kb / 7P
WCAP-AI3H Aluminum Electrolytic Capacitors
861141084008 WURTH-861141084008 Datasheet
390Kb / 8P
WCAP-AI3H Aluminum Electrolytic Capacitors
001.000
861141485019 WURTH-861141485019 Datasheet
1Mb / 8P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.1 2015-04-30
861141485033 WURTH-861141485033 Datasheet
722Kb / 9P
WCAP-AI3H Aluminum Electrolytic Capacitors
001.001
861141486023 WURTH-861141486023 Datasheet
1Mb / 8P
WCAP-AI3H Aluminum Electrolytic Capacitors
1.1 2015-04-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com