Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS8198 Datasheet (PDF) - Summit Microelectronics, Inc.

SMS8198 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMS8198
Download  SMS8198 Download
File Size   79.63 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Philips TriMedia??Processor Companion Supervisor With a 16K-bit 2-wire Serial Memory

SMS8198 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS8198 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMS8198
Download  SMS8198 Click to download

File Size   79.63 Kbytes
Page   14 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Philips TriMedia??Processor Companion Supervisor With a 16K-bit 2-wire Serial Memory

SMS8198 Datasheet (HTML) - Summit Microelectronics, Inc.


SMS8198 Product details

OVERVIEW
The SMS8198 is a precision supervisory circuit designed specifically as a companion chip for the Philips TriMedia Processor family. The SMS8198 monitors the power supply and holds the system in reset whenever VCC is below the VTRIP threshold.
In addition to the supervisory function, the SMS8198 has 16K-bits of nonvolatile memory that is used by the TriMedia processor as the boot memory.
The SMS8198 provides 16K-bits of memory that is acces sible through the industry standard 2-wire serial interface. By integrating a precision supervisory circuit and the hardware WP input, the SMS8198 becomes the perfect companion chip for the Philips TriMedia processor family. Its functions are integral to the boot hardware operation of the TriMedia processors.

FEATURES
• Designed to operate with the Philips TriMedia Processor
• Coordinating the System Reset Function and Providing the Processor’s Configuration Memory
• Multiple VTRIP Thresholds
   - No External Components Required
• Guaranteed Reset Assertion to VCC -1V
• Reset is an I/O
   - Allows System Reset Clean up
   - Provides a De-bounced Manual Reset Function
• Industry Standard 2-wire Serial Interface
• Hardware Write Lockout Function
• High Reliability
   - Endurance: 100,000 write cycles
   - Data Retention: 100 Years




Similar Part No. - SMS8198

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840 Datasheet
1Mb / 4P
0.13A , 50V , RDS(ON) 10 P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
SMS840 VBSEMI-SMS840 Datasheet
491Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840_15 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SMS8810 SECOS-SMS8810 Datasheet
411Kb / 3P
N-Channel Enhancement Mode Power MOSFET
SMS8820 SECOS-SMS8820 Datasheet
152Kb / 3P
N-Ch Enhancement Mode Power MOSFET
More results


Similar Description - SMS8198

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
3V Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
Integrated Processor Companion with Memory
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
5V Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
Integrated Processor Companion with Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com