Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB8957 Datasheet (PDF) - Qorvo, Inc

QPB8957 Datasheet PDF - Qorvo, Inc
Part # QPB8957
Download  QPB8957 Download
File Size   1108.92 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75廓 28dB CATV Doubler Amplifier 50 - 1003MHz

QPB8957 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB8957 Datasheet PDF - Qorvo, Inc

Part # QPB8957
Download  QPB8957 Click to download

File Size   1108.92 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75廓 28dB CATV Doubler Amplifier 50 - 1003MHz

QPB8957 Datasheet (HTML) - Qorvo, Inc


QPB8957 Product details

Key Features
High Gain: 28dB @ 1003MHz
Adjustable Bias
50 - 1003 MHz BW
57dBmV/ch virtual 1.0GHz, at 15dB tilt
Low Noise: 4.5dB
Excellent Composite Distortion
pHEMT / MESFET device technologies
Compact Size: 40P 5x7 QFN
Power Consumption (24V, 350mA – 8.4W)




Similar Part No. - QPB8957

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB8958 QORVO-QPB8958 Datasheet
2Mb / 14P
75Ω 34dB CATV Amplifier 50 - 1003MHz
Rev. G, August 5, 2021
QPB8958EVB QORVO-QPB8958EVB Datasheet
2Mb / 14P
75Ω 34dB CATV Amplifier 50 - 1003MHz
Rev. G, August 5, 2021
QPB8958SB QORVO-QPB8958SB Datasheet
2Mb / 14P
75Ω 34dB CATV Amplifier 50 - 1003MHz
Rev. G, August 5, 2021
QPB8958SR QORVO-QPB8958SR Datasheet
2Mb / 14P
75Ω 34dB CATV Amplifier 50 - 1003MHz
Rev. G, August 5, 2021
QPB8958TR13 QORVO-QPB8958TR13 Datasheet
2Mb / 14P
75Ω 34dB CATV Amplifier 50 - 1003MHz
Rev. G, August 5, 2021
More results


Similar Description - QPB8957

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA3238 TRIQUINT-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3340 TRIQUINT-QPA3340 Datasheet
357Kb / 5P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
logo
Qorvo, Inc
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
75 28dB CATV Doubler Amplifier 47 ??1218MHz
QPA3248 QORVO-QPA3248 Datasheet
466Kb / 6P
CATV Power Doubler Hybrid 1003MHz 25dB
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
75廓 CATV Amplifier 50 ??1800MHz
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
QPB8857 QORVO-QPB8857_V01 Datasheet
1Mb / 13P
75Ω 28dB CATV Doubler Amplifier 47 – 1218MHz
July 27, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com