Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC2108 Datasheet (PDF) - Qorvo, Inc

QPC2108 Datasheet PDF - Qorvo, Inc
Part # QPC2108
Download  QPC2108 Download
File Size   709.7 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2.5-4GHz 6-Bit Digital Phase Shifter

QPC2108 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC2108 Datasheet PDF - Qorvo, Inc

Part # QPC2108
Download  QPC2108 Click to download

File Size   709.7 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2.5-4GHz 6-Bit Digital Phase Shifter

QPC2108 Datasheet (HTML) - Qorvo, Inc


QPC2108 Product details

Product Features
Frequency Range: 2.5 to 4 GHz
6-Bit Digital Phase Shifter
Bi-Directional
360° Coverage, LSB = 5.625°
RMS Phase Error: < 2.8° (2.5 – 3.8 GHz) < 5° (3.9 – 4 GHz)
RMS Amplitude Error: < 0.4 dB
Insertion Loss: 5 dB
Return Loss: 16 dB
Input P0.1dB: 23 dBm
Input IP3: 45 dBm
Switching Speed: < 100 ns
Control Voltage: 0 /+5 V
QFN Package Dimensions: 6.0 x 6.0 x 0.79 mm




Similar Part No. - QPC2108

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC2108 TRIQUINT-QPC2108 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
QPC2108EVB01 TRIQUINT-QPC2108EVB01 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
More results


Similar Description - QPC2108

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC647LP6 HITTITE-HMC647LP6 Datasheet
288Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
6-Bit DIGITAL PHASE SHIFTER
logo
Hittite Microwave Corpo...
HMC647LP6 HITTITE-HMC647LP6_08 Datasheet
237Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
TriQuint Semiconductor
TGP2108-SM TRIQUINT-TGP2108-SM Datasheet
1Mb / 16P
2.5-4GHz 6-Bit Digital Phase Shifter
TGP2109 TRIQUINT-TGP2109 Datasheet
696Kb / 15P
8-12 6-Bit Digital Phase Shifter
TGP2109-SM TRIQUINT-TGP2109-SM Datasheet
1Mb / 16P
8-12 6-Bit Digital Phase Shifter
logo
United Monolithic Semic...
CHP4012A98F UMS-CHP4012A98F Datasheet
792Kb / 12P
S-Band 6-bit Digital Phase Shifter
logo
TriQuint Semiconductor
QPC2108 TRIQUINT-QPC2108 Datasheet
709Kb / 12P
2.5-4GHz 6-Bit Digital Phase Shifter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com