Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC3614 Datasheet (PDF) - Qorvo, Inc

QPC3614 Datasheet PDF - Qorvo, Inc
Part # QPC3614
Download  QPC3614 Download
File Size   2096.72 Kbytes
Page   19 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75廓 5 ??500MHz Digital Step Attenuator

QPC3614 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC3614 Datasheet PDF - Qorvo, Inc

Part # QPC3614
Download  QPC3614 Click to download

File Size   2096.72 Kbytes
Page   19 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75廓 5 ??500MHz Digital Step Attenuator

QPC3614 Datasheet (HTML) - Qorvo, Inc


QPC3614 Product details

Key Features
6-Bit, 31.5dB Range, 0.5dB Step
Patented Circuit Architecture
Overshoot-free Transient Switching Performance
Frequency Range 5MHz to 1500MHz
High Linearity, IIP3 65dBm Typical at 1GHz
Serial and Parallel Control Interface
Fast Switching Speed, <500nsec Typical
RF Pads Have No DC Voltage; Can be DC Grounded
Externally
Option to Turn Off Negative Voltage Generator and
Supply VSS Externally
Power-up Default Setting Is Maximum Attenuation




Similar Part No. - QPC3614

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC3614 TRIQUINT-QPC3614 Datasheet
1Mb / 19P
75(ohm) 5 ??500MHz Digital Step Attenuator
QPC3614PCK TRIQUINT-QPC3614PCK Datasheet
1Mb / 19P
75(ohm) 5 ??500MHz Digital Step Attenuator
QPC3614SQ TRIQUINT-QPC3614SQ Datasheet
1Mb / 19P
75(ohm) 5 ??500MHz Digital Step Attenuator
QPC3614SR TRIQUINT-QPC3614SR Datasheet
1Mb / 19P
75(ohm) 5 ??500MHz Digital Step Attenuator
QPC3614TR13 TRIQUINT-QPC3614TR13 Datasheet
1Mb / 19P
75(ohm) 5 ??500MHz Digital Step Attenuator
More results


Similar Description - QPC3614

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4304 SIPAT-SP4304 Datasheet
928Kb / 10P
75 廓 RF Digital Attenuator
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
SP43404 SIPAT-SP43404 Datasheet
1Mb / 10P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
535Kb / 11P
75 廓 RF Digital Attenuator
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
75廓 RF Digital Attenuator
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
75 廓 RF Digital Attenuator
logo
TriQuint Semiconductor
QPC3614 TRIQUINT-QPC3614 Datasheet
1Mb / 19P
75(ohm) 5 ??500MHz Digital Step Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com