Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC7336 Datasheet (PDF) - Qorvo, Inc

QPC7336 Datasheet PDF - Qorvo, Inc
Part # QPC7336
Download  QPC7336 Download
File Size   1142.09 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 45MHz to 1218MHz Variable Equalizer

QPC7336 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC7336 Datasheet PDF - Qorvo, Inc

Part # QPC7336
Download  QPC7336 Click to download

File Size   1142.09 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 45MHz to 1218MHz Variable Equalizer

QPC7336 Datasheet (HTML) - Qorvo, Inc


QPC7336 Product details

Product Features
45 – 1218 MHz Operational Bandwidth
21dB slope range
Low insertion loss
High linearity
75Ohm impedance for CATV applications
5V single supply voltage
Low power consumption




Similar Part No. - QPC7336

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC7336 TRIQUINT-QPC7336 Datasheet
851Kb / 11P
45MHz to 1218MHz Variable Equalizer
QPC7336PCBA-410 TRIQUINT-QPC7336PCBA-410 Datasheet
851Kb / 11P
45MHz to 1218MHz Variable Equalizer
QPC7336SB TRIQUINT-QPC7336SB Datasheet
851Kb / 11P
45MHz to 1218MHz Variable Equalizer
QPC7336SQ TRIQUINT-QPC7336SQ Datasheet
851Kb / 11P
45MHz to 1218MHz Variable Equalizer
QPC7336SR TRIQUINT-QPC7336SR Datasheet
851Kb / 11P
45MHz to 1218MHz Variable Equalizer
More results


Similar Description - QPC7336

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD3190 RFMD-RFPD3190 Datasheet
242Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3220 RFMD-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
QPC7336 TRIQUINT-QPC7336 Datasheet
851Kb / 11P
45MHz to 1218MHz Variable Equalizer
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
QPC7332 QORVO-QPC7332 Datasheet
849Kb / 13P
45MHz to 1218MHz Variable Cable Slope Equalizer
RFPD3540 QORVO-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1218MHz
RFXF0008H QORVO-RFXF0008H Datasheet
522Kb / 5P
1:2.78 SMT Transformer 45MHz to 1218MHz
QPC7335 QORVO-QPC7335 Datasheet
958Kb / 13P
45MHz to 1002MHz Variable Equalizer
October 22, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com