Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2907192 Datasheet (PDF) - PHOENIX CONTACT

2907192 Datasheet PDF - PHOENIX CONTACT
Part # 2907192
Download  2907192 Download
File Size   85.39 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic device circuit breaker - HMC 11 120AC 2A C1D2

2907192 Datasheet (PDF)

Go To PDF Page Download Datasheet
2907192 Datasheet PDF - PHOENIX CONTACT

Part # 2907192
Download  2907192 Click to download

File Size   85.39 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic device circuit breaker - HMC 11 120AC 2A C1D2

2907192 Datasheet (HTML) - PHOENIX CONTACT


2907192 Product details

HMC series of supplemental circuit protector modules, 2 A rating

Why buy this product
Optional T-bus for reduced wiring
UL recognized for hazardous locations Class I, Division 2, Groups A, B, C, and D
Dual-rated for 50 V DC and 120 V AC
Hydraulic-magnetic technology provides extended temperature stability




Similar Part No. - 2907192

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907190 PHOENIX-2907190 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/5A/T-10PCS
09/12/2020
2907191 PHOENIX-2907191 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 1A C1D2
01/20/2017
2907193 PHOENIX-2907193 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 3A C1D2
01/20/2017
2907194 PHOENIX-2907194 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 5A C1D2
01/20/2017
2907195 PHOENIX-2907195 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 7.5A C1D2
01/20/2017
More results


Similar Description - 2907192

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907191 PHOENIX-2907191 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 1A C1D2
01/20/2017
2907193 PHOENIX-2907193 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 3A C1D2
01/20/2017
2907194 PHOENIX-2907194 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 5A C1D2
01/20/2017
2907195 PHOENIX-2907195 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 7.5A C1D2
01/20/2017
2907196 PHOENIX-2907196 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 10A C1D2
01/20/2017
2907197 PHOENIX-2907197 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 15A C1D2
01/20/2017
2907199 PHOENIX-2907199 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 50DC 20A C1D2
01/20/2017
2907200 PHOENIX-2907200 Datasheet
86Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 1A C1D2TBUS
01/20/2017
2907201 PHOENIX-2907201 Datasheet
86Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 2A C1D2TBUS
01/20/2017
2907202 PHOENIX-2907202 Datasheet
86Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 3A C1D2TBUS
01/20/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com