Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5C645N Datasheet (PDF) - ON Semiconductor

NVMFS5C645N Datasheet PDF - ON Semiconductor
Part # NVMFS5C645N
Download  NVMFS5C645N Download
File Size   237.87 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, DFN5/DFNW5 60 V, 4.6 m, 92 A

NVMFS5C645N Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS5C645N Datasheet PDF - ON Semiconductor

Part # NVMFS5C645N
Download  NVMFS5C645N Click to download

File Size   237.87 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, DFN5/DFNW5 60 V, 4.6 m, 92 A

NVMFS5C645N Datasheet (HTML) - ON Semiconductor


NVMFS5C645N Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFS5C645NWF − Wettable Flank Option for Enhanced Optical
Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMFS5C645N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C645NL ONSEMI-NVMFS5C645NL Datasheet
85Kb / 6P
Power MOSFET 2 Amps, 12 Volts
October, 2015 ??Rev. 0
NVMFS5C645NLAFT1G ONSEMI-NVMFS5C645NLAFT1G Datasheet
124Kb / 6P
Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C645NLT1G ONSEMI-NVMFS5C645NLT1G Datasheet
85Kb / 6P
Power MOSFET 2 Amps, 12 Volts
October, 2015 ??Rev. 0
NVMFS5C645NLT1G ONSEMI-NVMFS5C645NLT1G Datasheet
124Kb / 6P
Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C645NLT3G ONSEMI-NVMFS5C645NLT3G Datasheet
85Kb / 6P
Power MOSFET 2 Amps, 12 Volts
October, 2015 ??Rev. 0
More results


Similar Description - NVMFS5C645N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
NVD5C460NL ONSEMI-NVD5C460NL Datasheet
233Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.6 m, 73 A
June, 2019-Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS4C308N ONSEMI-NVMFS4C308N Datasheet
241Kb / 9P
MOSFET - Power, Single N-Channel, DFN5/DFNW5 30 V, 4.8 m, 55 A
September, 2021-Rev. 1
NVMFS5H600NL ONSEMI-NVMFS5H600NL Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com