Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC030N10NM6 Datasheet (PDF) - Infineon Technologies AG

ISC030N10NM6 Datasheet PDF - Infineon Technologies AG
Part # ISC030N10NM6
Download  ISC030N10NM6 Download
File Size   1329.02 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 6 Power-Transistor, 100 V

ISC030N10NM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC030N10NM6 Datasheet PDF - Infineon Technologies AG

Part # ISC030N10NM6
Download  ISC030N10NM6 Click to download

File Size   1329.02 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 6 Power-Transistor, 100 V

ISC030N10NM6 Datasheet (HTML) - Infineon Technologies AG


ISC030N10NM6 Product details

Features
• N-channel, normal level
• Very low on-resistance RDS(on)
• Excellent gate charge x RDS(on) product (FOM)
• Very low reverse recovery charge (Qrr)
• High avalanche energy rating
• 175°C operating temperature
• Optimized for high frequency switching and synchronous rectification
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• MSL 1 classified according to J-STD-020




Similar Part No. - ISC030N10NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC030N12NM6 INFINEON-ISC030N12NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-02
logo
Inchange Semiconductor ...
ISC030N12NM6 ISC-ISC030N12NM6 Datasheet
375Kb / 3P
isc N-Channel MOSFET Transistor
2023-9-19
More results


Similar Description - ISC030N10NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC027N10NS5 INFINEON-BSC027N10NS5 Datasheet
923Kb / 11P
OptiMOSTM Power-Transistor, 100 V
Rev.2.1,2020-11-26
ISC022N10NM6 INFINEON-ISC022N10NM6 Datasheet
904Kb / 11P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC027N10NM6 INFINEON-ISC027N10NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC060N10NM6 INFINEON-ISC060N10NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC080N10NM6 INFINEON-ISC080N10NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC230N10NM6 INFINEON-ISC230N10NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISZ230N10NM6 INFINEON-ISZ230N10NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC750P10LM INFINEON-ISC750P10LM Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, -100 V
Rev. 2.0, 2022-10-13
ISZ24DP10LM INFINEON-ISZ24DP10LM Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, -100 V
Rev. 2.0, 2022-10-13
ISZ080N10NM6 INFINEON-ISZ080N10NM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.2, 2023-02-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com