Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9185QX Datasheet (PDF) - Infineon Technologies AG

TLE9185QX Datasheet PDF - Infineon Technologies AG
Part # TLE9185QX
Download  TLE9185QX Download
File Size   5700.71 Kbytes
Page   193 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description BLDC Driver

TLE9185QX Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE9185QX Datasheet PDF - Infineon Technologies AG

Part # TLE9185QX
Download  TLE9185QX Click to download

File Size   5700.71 Kbytes
Page   193 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description BLDC Driver

TLE9185QX Datasheet (HTML) - Infineon Technologies AG


TLE9185QX Product details

Features
• Low-drop voltage regulator 5 V, 250 mA for main supply
• Three half-bridge gate drivers for external N-channel MOSFETs
• Adaptive MOSFET gate control:
– Regulation of the MOSFET switching time
– Reduced switching losses in PWM mode
– High efficient constant gate charge
• Control of reverse battery protection MOSFET
• One low-side capable current sense amplifier (CSA) with configurable gain for protection and diagnosis
• Configurable wake-up sources
• Six PWM inputs
– High-side and low-side PWM capable
– Active free-wheeling
– Up to 25 kHz PWM frequency
• 32 bit serial peripheral interface (SPI) with cyclic redundancy check (CRC)
• Very low quiescent current consumption in Stop Mode and Sleep Mode
• Periodic cyclic wake in Normal Mode, Stop Mode and Sleep Mode
• Reset and interrupt output
• Drain-source monitoring and open-load detection
• Configurable time-out and window watchdog
• Overtemperature and short circuit protection features
• Leadless power package with support of optical lead tip inspection
• Green Product (RoHS compliant)
Potential applications
• Auxiliary pumps (fuel, water, etc.)
• Blower motor
• Engine cooling fan
• Sunroof module
• Transfer case
Product validation
Qualified for automotive applications. Product validation according to AEC-Q100.
Description
The TLE9185QX is a multifunctional IC with integrated power supply, multiple half-bridges and support
features in an exposed pad PG-VQFN-48 power package. The device is designed for various motor control
automotive applications.
To support these applications, the BLDC Driver provides the main functions, such as a 5 V low-dropout voltage
regulator, three half-bridges for BDLC motor control, one current sense amplifier and one 32 bit serial
peripheral interface (SPI).
The device includes diagnostic and supervision features, such as drain-source monitoring and open-load
detection, short circuit protection, configurable time-out and window watchdog, as well as overtemperature
protection.
The device is intended to operate with 5.0 V microcontroller.




Similar Part No. - TLE9185QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QXV33 INFINEON-TLE9185QXV33 Datasheet
5Mb / 192P
BLDC Driver
Rev. 1.0 2021-01-21
More results


Similar Description - TLE9185QX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Infineon Technologies A...
TLE9185QXV33 INFINEON-TLE9185QXV33 Datasheet
5Mb / 192P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com