Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVS001J Datasheet (PDF) - Balluff Korea Ltd.

BVS001J Datasheet PDF - Balluff Korea Ltd.
Part # BVS001J
Download  BVS001J Download
File Size   179.8 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Machine Vision

BVS001J Datasheet (PDF)

Go To PDF Page Download Datasheet
BVS001J Datasheet PDF - Balluff Korea Ltd.

Part # BVS001J
Download  BVS001J Click to download

File Size   179.8 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Machine Vision

BVS001J Datasheet (HTML) - Balluff Korea Ltd.


BVS001J Product details

Basic features

Application
360° detection
Barcode-, 2D-, OCR identification

Approval/Conformity CE
cULus
EAC
WEEE

Frame rate
3…40 Hz

Image resolution
640 x 480 pixels

Pixel size
6.0 x 6.0 μm

Sensor type Vision
CMOS image sensor black-white

Style
Square
Connection 90°




Similar Part No. - BVS001J

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BVS0012 BALLUFF-BVS0012 Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-12
BVS0013 BALLUFF-BVS0013 Datasheet
144Kb / 3P
Machine Vision
0.51_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
Machine Vision
0.47_2021-04-13
BVS0015 BALLUFF-BVS0015 Datasheet
144Kb / 3P
Machine Vision
0.4_2021-04-13
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
More results


Similar Description - BVS001J

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE0103 BALLUFF-BAE0103 Datasheet
109Kb / 2P
Machine Vision
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
Machine Vision
0.47_2021-04-13
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS0037 BALLUFF-BVS0037 Datasheet
156Kb / 2P
Machine Vision
1.32_2021-07-17
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
BVS002F BALLUFF-BVS002F Datasheet
162Kb / 2P
Machine Vision
0.105_2021-04-27
BVS003K BALLUFF-BVS003K Datasheet
144Kb / 2P
Machine Vision
1.34_2021-04-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com