Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF178XR Datasheet (PDF) - Ampleon Netherlands B.V.

BLF178XR Datasheet PDF - Ampleon Netherlands B.V.
Part # BLF178XR
Download  BLF178XR Download
File Size   1184.02 Kbytes
Page   14 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description Power LDMOS transistor

BLF178XR Datasheet (PDF)

Go To PDF Page Download Datasheet
BLF178XR Datasheet PDF - Ampleon Netherlands B.V.

Part # BLF178XR
Download  BLF178XR Click to download

File Size   1184.02 Kbytes
Page   14 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description Power LDMOS transistor

BLF178XR Datasheet (HTML) - Ampleon Netherlands B.V.


BLF178XR Product details

General description
A 1400 W extremely rugged LDMOS power transistor for broadcast and industrial
applications in the HF to 128 MHz band.
Features and benefits
 Typical pulsed performance at frequency of 108 MHz, a supply voltage of 50 V and an
IDq of 40 mA, a tp of 100 s with  of 20 %:
 Output power = 1400 W
 Power gain = 28 dB
 Efficiency = 72 %
 Easy power control
 Integrated ESD protection
 Excellent ruggedness
 High efficiency
 Excellent thermal stability
 Designed for broadband operation (HF to 128 MHz)
 Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
Applications
 Industrial, scientific and medical applications
 Broadcast transmitter applications




Similar Part No. - BLF178XR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF178XR NXP-BLF178XR Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF178XR PHILIPS-BLF178XR Datasheet
339Kb / 14P
Power LDMOS transistor
Rev. 4-12 July 2013
BLF178XR(S) NXP-BLF178XR(S) Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF178XR112 PHILIPS-BLF178XR112 Datasheet
339Kb / 14P
Power LDMOS transistor
Rev. 4-12 July 2013
BLF178XRS NXP-BLF178XRS Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BLF178XR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com