Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF578XR Datasheet (PDF) - Ampleon Netherlands B.V.

BLF578XR Datasheet PDF - Ampleon Netherlands B.V.
Part # BLF578XR
Download  BLF578XR Download
File Size   1218.04 Kbytes
Page   15 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description Power LDMOS transistor

BLF578XR Datasheet (PDF)

Go To PDF Page Download Datasheet
BLF578XR Datasheet PDF - Ampleon Netherlands B.V.

Part # BLF578XR
Download  BLF578XR Click to download

File Size   1218.04 Kbytes
Page   15 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description Power LDMOS transistor

BLF578XR Datasheet (HTML) - Ampleon Netherlands B.V.


BLF578XR Product details

General description
A 1400 W extremely rugged LDMOS power transistor for broadcast and industrial
applications in the HF to 500 MHz band. This product is an enhanced version of the
BLF578 using Ampleon's XR process to provide maximum ruggedness capability in the
most severe applications without compromising the RF performance.
Features and benefits
 Typical pulsed performance at frequency of 225 MHz, a supply voltage of 50 V and an
IDq of 40 mA, a tp of 100 s with  of 20 %:
 Output power = 1400 W
 Power gain = 23.5 dB
 Efficiency = 69 %
 Easy power control
 Integrated ESD protection
 Excellent ruggedness
 High efficiency
 Excellent thermal stability
 Designed for broadband operation (HF to 500 MHz)
 Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
Applications
 Industrial, scientific and medical applications
 Broadcast transmitter applications




Similar Part No. - BLF578XR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF578XR NXP-BLF578XR Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF578XR(S) NXP-BLF578XR(S) Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF578XRS NXP-BLF578XRS Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF578XR PHILIPS-BLF578XR_15 Datasheet
319Kb / 15P
Power LDMOS transistor
Rev. 4-12 July 2013
More results


Similar Description - BLF578XR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com