Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2907916 Datasheet (PDF) - PHOENIX CONTACT

2907916 Datasheet PDF - PHOENIX CONTACT
Part # 2907916
Download  2907916 Download
File Size   361.69 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/12DC/2.5/PT

2907916 Datasheet (PDF)

Go To PDF Page Download Datasheet
2907916 Datasheet PDF - PHOENIX CONTACT

Part # 2907916
Download  2907916 Click to download

File Size   361.69 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/12DC/2.5/PT

2907916 Datasheet (HTML) - PHOENIX CONTACT


2907916 Product details

Description
QUINT POWER power supplies are exceptionally small yet
offer superior system availability in the sub 100 W power range.

Powerful
– Static boost of up to 125% (PN) for a sustained period
– Dynamic boost of up to 200% (PN) for 5 s
Space-saving
– Slim design
– Slim design for 120 mm control boxes
Preventive
– Function monitoring through adjustable signaling of
power thresholds or output voltage
Durable
– Efficiency up to 90%
– Low power dissipation




Similar Part No. - 2907916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907916 PHOENIX-2907916 Datasheet
250Kb / 9P
Type 3 surge protection device - PLT-SEC-T3-24-FM-UT
2907916 PHOENIX-2907916 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
2907916 PHOENIX-2907916 Datasheet
398Kb / 31P
QUINT4-PS/1AC/5DC/5/PT Power supply unit
2019-11-06
2907916 PHOENIX-2907916 Datasheet
1Mb / 50P
QUINT4-PS/1AC/24DC/40
2019-11-11
More results


Similar Description - 2907916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2904598 PHOENIX-2904598 Datasheet
305Kb / 28P
QUINT4-PS/1AC/24DC/2.5/SC
2909575 PHOENIX-2909575 Datasheet
306Kb / 28P
QUINT4-PS/1AC/24DC/1.3/PT
2909576 PHOENIX-2909576 Datasheet
307Kb / 28P
QUINT4-PS/1AC/24DC/2.5/PT
2909577 PHOENIX-2909577 Datasheet
304Kb / 28P
QUINT4-PS/1AC/24DC/3.8/PT
2904608 PHOENIX-2904608 Datasheet
399Kb / 14P
Power supply unit - QUINT4-PS/1AC/12DC/15
11/16/2021
2904605 PHOENIX-2904605 Datasheet
166Kb / 12P
Power supply unit - QUINT4-PS/1AC/12DC/2.5/PT
09/12/2020
108338 PHOENIX-108338 Datasheet
306Kb / 28P
QUINT4-PS/1AC/24DC/1.3/PT
2017-12-20
108339 PHOENIX-108339 Datasheet
304Kb / 28P
QUINT4-PS/1AC/24DC/3.8/PT
2018-01-18
108315 PHOENIX-108315 Datasheet
307Kb / 28P
QUINT4-PS/1AC/24DC/2.5/PT
2017-12-13
107721 PHOENIX-107721 Datasheet
305Kb / 28P
QUINT4-PS/1AC/24DC/2.5/SC
2017-12-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com