Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2907919 Datasheet (PDF) - PHOENIX CONTACT

2907919 Datasheet PDF - PHOENIX CONTACT
Part # 2907919
Download  2907919 Download
File Size   1678.24 Kbytes
Page   50 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/24DC/40

2907919 Datasheet (PDF)

Go To PDF Page Download Datasheet
2907919 Datasheet PDF - PHOENIX CONTACT

Part # 2907919
Download  2907919 Click to download

File Size   1678.24 Kbytes
Page   50 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/1AC/24DC/40

2907919 Datasheet (HTML) - PHOENIX CONTACT


2907919 Product details

Description
QUINT POWER power supplies with SFB Technology and
preventive function monitoring ensure superior system availability.

Powerful
– SFB Technology: 6 times the nominal current for 15 ms
– Power reserves:
Static boost of up to 125% (PN) for a sustained period
Dynamic boost of up to 200% (PN) for 5 s
Robust
– Mains buffering ≥ 20 ms
– High degree of electrical immunity, thanks to integrated
gas discharge tube (6 kV)
Preventive
– Comprehensive signaling:
Analog signal, digital signal, relay contact, LED bar
graph
Can be ordered pre-configured
– Perform configuration online and order 1 or more units




Similar Part No. - 2907919

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907919 PHOENIX-2907919 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
2907919 PHOENIX-2907919 Datasheet
398Kb / 31P
QUINT4-PS/1AC/5DC/5/PT Power supply unit
2019-11-06
2907919 PHOENIX-2907919 Datasheet
621Kb / 49P
QUINT4-PS/1AC/48DC/5
2018-09-05
2907919 PHOENIX-2907919 Datasheet
361Kb / 30P
QUINT4-PS/1AC/12DC/2.5/PT
2019-04-09
More results


Similar Description - 2907919

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107099 PHOENIX-107099 Datasheet
546Kb / 38P
QUINT4-PS/1AC/24DC/5
107100 PHOENIX-107100 Datasheet
550Kb / 38P
QUINT4-PS/1AC/24DC/10
107101 PHOENIX-107101 Datasheet
551Kb / 39P
QUINT4-PS/1AC/24DC/20
2904597 PHOENIX-2904597 Datasheet
302Kb / 28P
QUINT4-PS/1AC/24DC/1.3/SC
2909577 PHOENIX-2909577 Datasheet
304Kb / 28P
QUINT4-PS/1AC/24DC/3.8/PT
2904603 PHOENIX-2904603 Datasheet
211Kb / 15P
Power supply unit - QUINT4-PS/1AC/24DC/40
09/12/2020
108338 PHOENIX-108338 Datasheet
306Kb / 28P
QUINT4-PS/1AC/24DC/1.3/PT
2017-12-20
108315 PHOENIX-108315 Datasheet
307Kb / 28P
QUINT4-PS/1AC/24DC/2.5/PT
2017-12-13
107721 PHOENIX-107721 Datasheet
305Kb / 28P
QUINT4-PS/1AC/24DC/2.5/SC
2017-12-13
2904618 PHOENIX-2904618 Datasheet
738Kb / 21P
Power supply unit - QUINT4-PS/1AC/24DC/40/
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com