Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3510 Datasheet (PDF) - Unisonic Technologies

3510 Datasheet PDF - Unisonic Technologies
Part # 3510
Download  3510 Download
File Size   106.97 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description CMOS IC

3510 Datasheet (PDF)

Go To PDF Page Download Datasheet
3510 Datasheet PDF - Unisonic Technologies

Part # 3510
Download  3510 Click to download

File Size   106.97 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description CMOS IC

3510 Datasheet (HTML) - Unisonic Technologies


3510 Product details

DESCRIPTION

The UTC 3510is designed to provide protection circuits, power good output (PGO) indicator, fault protection output (FPO) and a PSON control for PC switching power supply systems. The protection circuits include over voltage protection (OVP) monitoring for 3.3V, 5V and 12V (12V via VDDpin) and under voltage protection(UVP) monitoring for 3.3V and 5V. When an OV or UV event

arose and is detected, the power good output (PGO) goes low and the FPO will be set to high. The protection latch can be reset by setting PSON to high. UVP function is enabled 75ms after PSON is set low and de-bounced. Besides, there isa 2.3ms delay with 38ms de-bounce at turn off but no delay during turn on. When OVP and UVP detected the rightvoltage level, a PGO signal will be issued.



FEATURES

* Over Voltage Protection and Lock Out for 3V, 5V and 12V.

* Under Voltage Protection and Lock Out for 3.3V and 5V.

* Open Drain Output for PGO and FPO pin.

* 300ms delay for PGO.

* 75ms delay for 3.3V and 5V short-circuit turn-on protection.

* 2.3ms PSON control to FPO turn-off delay.

* 38ms PSON control de-bounce.

* 73us width noise deglitches.

* Wide supply voltage range from 4V ~15V.




Similar Part No. - 3510

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3510 VMI-3510 Datasheet
184Kb / 2P
200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Lumberg
3510 LUMBERG-3510 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
112Kb / 9P
PC POWER SUPPLY SUPERVISORS
3510 UTC-3510 Datasheet
302Kb / 8P
PC POWER SUPPLY SUPERVISORS
logo
List of Unclassifed Man...
3510 ETC2-3510 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
More results


Similar Description - 3510

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com