Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF989EU Datasheet (PDF) - Ampleon Netherlands B.V.

BLF989EU Datasheet PDF - Ampleon Netherlands B.V.
Part # BLF989EU
Download  BLF989EU Download
File Size   1228.85 Kbytes
Page   12 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description UHF power LDMOS transistor

BLF989EU Datasheet (PDF)

Go To PDF Page Download Datasheet
BLF989EU Datasheet PDF - Ampleon Netherlands B.V.

Part # BLF989EU
Download  BLF989EU Click to download

File Size   1228.85 Kbytes
Page   12 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description UHF power LDMOS transistor

BLF989EU Datasheet (HTML) - Ampleon Netherlands B.V.


BLF989EU Product details

General description
A 1000 W LDMOS RF power transistor for asymmetrical broadcast Doherty transmitter
applications which operates at 180 W DVB-T average power. The excellent ruggedness of
this device makes it ideal for digital and analog transmitter applications in the frequency
range from 400 MHz to 860 MHz.
Features and benefits
 Designed for asymmetric Doherty operation
 Very high efficiency enabling air cooled high power transmitters
 Integrated ESD protection
 Excellent ruggedness
 High power gain
 Excellent reliability
 Easy power control
 For RoHS compliance see the product details on the Ampleon website
Applications
 Broadcast transmitter applications in the UHF band
 Digital broadcasting
 Applicable at frequencies from 400 MHz to 860 MHz




Similar Part No. - BLF989EU

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF989 AMPLEON-BLF989 Datasheet
1Mb / 13P
UHF power LDMOS transistor
Rev. 3 ??24 May 2019
BLF989S AMPLEON-BLF989S Datasheet
1Mb / 13P
UHF power LDMOS transistor
Rev. 3 ??24 May 2019
More results


Similar Description - BLF989EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com