Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA320 Datasheet (PDF) - NXP Semiconductors

KMA320 Datasheet PDF - NXP Semiconductors
Part # KMA320
Download  KMA320 Download
File Size   1243.84 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual channel programmable angle sensor IC

KMA320 Datasheet (PDF)

Go To PDF Page Download Datasheet
KMA320 Datasheet PDF - NXP Semiconductors

Part # KMA320
Download  KMA320 Click to download

File Size   1243.84 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual channel programmable angle sensor IC

KMA320 Datasheet (HTML) - NXP Semiconductors


KMA320 Product details

General description
The KMA320/A is a dual channel magnetic angle sensor. Magnetoresistive (MR) sensor
bridges and mixed signal ICs are integrated into a single package. The module has
integrated filters and is optimized for PCB-less designs. The KMA320/A dual channel
sensor module has common power supply terminals for both channels.
Further explanations are referring to a single channel and apply independently to each
output of the dual channel device. The IC allows user-specific adjustments of angular
range, zero angle, and clamping voltages. The settings are stored permanently in a
non-volatile memory (NVM). The programmable angle sensors are pre-programmed,
pre-calibrated and therefore, ready to use.

Features and benefits
• High precision sensor for magnetic angular
measurement
• Single package sensor module with
integrated filters for improved electromagnetic
compatibility (EMC)
• Automotive qualified in accordance with
AEC-Q100 Rev-H
• Programmable user adjustments, e.g. zero
angle and angular range
• Fail-safe non-volatile memory with write
protection using lock bit
• Independent from magnetic field strength
above 25 kA/m
• Module ready to use without external
components
• Factory calibrated
• Separate temperature sensor and auxiliary
analog-to-digital converter (ADC) for magnetic
field conversion check
• High temperature range up to 180 °C
• Ratiometric analog output voltage or push pull
output stage compliant with SAE J2716 SENT
using pulse shaping
• Overvoltage protection up to 18 V
• Power-loss detection
• Programming via separated one-wire
interfaces (OWIs)
• 8 × 12-bit original equipment manufacturer
(OEM) code registers for identification (ID)
• ISO 26262 ASIL-C capable for each channel,
safety element out of context (SEooC)
• Multipoint calibration (MPC) with
17 equidistant or seven free selectable
calibration points
• Low latency
• Dual channel sensor module




Similar Part No. - KMA320

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
More results


Similar Description - KMA320

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT310 QUANTUM-QT310 Datasheet
829Kb / 20P
PROGRAMMABLE CAPACITANCE SENSOR IC
logo
NXP Semiconductors
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
Programmable angle sensor
Rev. 05-16 August 2005
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
Dual channel programmable angle sensor
Rev. 1-24 May 2012
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
Nanopower, Dual-Channel, Programmable Sensor Monitor
ADS7142 TI1-ADS7142_17 Datasheet
1Mb / 74P
Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
Programmable angle sensor IC
Rev. 3-27 February 2019
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA321 NXP-KMA321 Datasheet
986Kb / 71P
Programmable angle sensor IC
Rev. 3-28 January 2019
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com